Electronic Components Datasheet Search
  English  ▼

X  

HM5268 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5268
Description  IC for Apple Headphone Cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5268 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5268 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5268 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5268 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5268 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5268 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
功能说明
1.
有四种频率其周期如下:占空比为 50%
头:3.69uS=271kHz
松键:10.3uS=97kHz
+:7.69uS=165kHz
-:6.06uS=130kHz
内置 5%的 2MHz 振荡器
2.
发送频率方法如下:
1) 握手:上电(电压>1.8V 后,延时 60mS 发如下波形:
0.9mS“头”+5.5mS“+”
2) 按+:消抖,确认按键后发:
1mS“头”+2mS“+”
3) 按-:消抖,确认按键后发:1mS
“头”+2mS“-”
4) 松键:消抖,确认按键发:
1mS“头”+2mS“松键”
3.
在按下按键或松开按键时,MIC 信号断开 20mS
4.
发送频率时,MIC 断开
5.
开机到发送握手信号完成 PA1=L,等待按键 PA1=L,发送频率时 PA1=H
6.
工作电流:发波形时小于 70uA,不发时 3uA,不大于 6uA
7.
芯片可以封到 DFN2*2,厚度为 0.5mm
8.
Vol+和 Vol- 两个按键要有内部上拉电阻各 100k。
PCB 图及 BOM 表
PCB 图
正面
背面
苹果耳机线专用 IC
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com