Electronic Components Datasheet Search
  English  ▼

X  

1830786 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1830786
Description  Base strip - IMCV 1,5/ 9-G-3,5 P20 THR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1830786 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1830786 Datasheet HTML 1Page - PHOENIX CONTACT 1830786 Datasheet HTML 2Page - PHOENIX CONTACT 1830786 Datasheet HTML 3Page - PHOENIX CONTACT 1830786 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
https://www.phoenixcontact.com/us/products/1830786
04/14/2016   Page 4 / 4
Base strip - IMCV 1,5/ 9-G-3,5 P20 THR - 1830786
Drilling diagram
a
3,5
2,15
Dimensional drawing
3,81
6,3
1,1
a+4,3
2,15
3,5
a
Diagram
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
70
80
90
100 110
=2-pos.
=6-pos.
=12-pos.
Ambienttemperature[°C]
Type: IMC(V) 1,5/...-G-3,5 THR with MC(V) 1,5/...-G-3,5 THR
Phoenix Contact 2016 © - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com