Electronic Components Datasheet Search
  English  ▼

X  

CRGP Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # CRGP
Description  SMD Precision Pulse Thick Film Chip Resistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CRGP Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button CRGP Datasheet HTML 2Page - TE Connectivity Ltd CRGP Datasheet HTML 3Page - TE Connectivity Ltd CRGP Datasheet HTML 4Page - TE Connectivity Ltd CRGP Datasheet HTML 5Page - TE Connectivity Ltd CRGP Datasheet HTML 6Page - TE Connectivity Ltd CRGP Datasheet HTML 7Page - TE Connectivity Ltd CRGP Datasheet HTML 8Page - TE Connectivity Ltd CRGP Datasheet HTML 9Page - TE Connectivity Ltd CRGP Datasheet HTML 10Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SMD Precision Pulse Thick Film Chip Resistor
9-1773463-9 CIS WR 03/2018
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Embossed Taping
Type
A
±0.2
B
±0.2
C
±0.05
ØD
+0.1
-0
ØD1
+0.1
-0
E
±0.1
F
±0.05
G
±0.1
W
±0.2
T ±
0.1
2010
2.90
5.60
2.0
1.5
1.5
1.75
5.5
4.0
12.0
1.0
2512
3.50
6.70
2.0
1.5
1.5
1.75
5.5
4.0
12.0
1.0
Peeling strength of cover tape:
Test condition: 0.1 to 0.7 N at a peel off speed of 300mm / min.
Reel Dimensions (mm):
Type
Tape
Reel
Qty
A ± 0.5
B ± 0.5
C ± 0.5
D ± 1
M ± 2
W ± 1
0402
Paper
10,000
2
13
21
60
178
10
0603
Paper
5,000
2
13
21
60
178
10
0805
Paper
5,000
2
13
21
60
178
10
1206
Paper
5,000
2
13
21
60
178
10
1210
Paper
5,000
2
13
21
60
178
10
2010
Embossed
4,000
2
13
21
60
178
13.8
2512
Embossed
4,000
2
13
21
60
178
13.8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com