Electronic Components Datasheet Search
  English  ▼

X  

AX88853 Datasheet(PDF) 24 Page - ASIX Electronics Corporation

Part # AX88853
Description  100BASE-TX/FX Repeater Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88853 Datasheet(HTML) 24 Page - ASIX Electronics Corporation

Back Button AX88853 Datasheet HTML 20Page - ASIX Electronics Corporation AX88853 Datasheet HTML 21Page - ASIX Electronics Corporation AX88853 Datasheet HTML 22Page - ASIX Electronics Corporation AX88853 Datasheet HTML 23Page - ASIX Electronics Corporation AX88853 Datasheet HTML 24Page - ASIX Electronics Corporation AX88853 Datasheet HTML 25Page - ASIX Electronics Corporation AX88853 Datasheet HTML 26Page - ASIX Electronics Corporation AX88853 Datasheet HTML 27Page - ASIX Electronics Corporation AX88853 Datasheet HTML 28Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
AX88850
PRELIMINARY
ASIX ELECTRONICS CORPORATION
24
3.11 LED Interface
AX88850 provides per-port LED status indication for partition, jabber, link/activity and support rate-based LED for
global utilization (%) and global collision frequency (%). Detail function is described on previous pin description
(LED interface). LED[7:0] are all active low.
3.11.1 LED Status Driver wave-form for AX88851
P0
J0
A0
C4
C0
P10
J10
A10
RID0
CC0
no useful phase
LED_SYN
LED[0]
P1
J1
A1
U4
C1
P11
J11
A11
RID1
CC1
no useful phase
LED[1]
P2
J2
A2
A8
C2
P12
J12
A12
RID2
CC2
no useful phase
LED[2]
P3
J3
A3
A9
C3
P13
J13
A13
RID3
CC3
no useful phase
LED[3]
P4
J4
A4
J8
U0
P14
J14
A14
RID4
UU0
no useful phase
LED[4]
P5
J5
A5
J9
U1
P15
J15
A15
UU1
no useful phase
LED[5]
P6
J6
A6
P8
U2
P16
J16
A16
CC4
UU2
no useful phase
LED[6]
P7
J7
A7
P9
U3
P17
J17
A17
UU4
UU3
no useful phase
LED[7]
P0
J0
A0
C4
P1
J1
A1
U4
P2
J2
A2
A8
P3
J3
A3
A9
P4
J4
A4
J8
P5
J5
A5
J9
P6
J6
A6
P8
P7
J7
A7
P9
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10 ~ D15
D0
D1
D2
D3
"0"
Note 1 :
a.
P17~0 indicates partition status for each port
b.
J17~0 indicates jabber status for each port
c.
L17~0 indicates link status for each port
d.
A17~0 indicates activity status for each port
e.
RID4~0 is the ID number of repeater chip
f.
The LED display support two estimations:C4~0 and CC4~0 which indicate global collision rate for
each 104.8ms sampling period. Users can choose any one presentation.
g.
The LED display support two estimations:U4~0 and UU4~0 which indicate global utilization rate for
each 104.8ms sampling period. Users can choose any one presentation.
Note 2 : Reference port map as following table (Using per port Carrier Sense / Receive Signal Detect to identify port
number).
AX88851
Port[7:0] == M0_CRS[7:0]
Port[9:8] == CRS[1:0]
Port[17:10] == M1_CRS[7:0]
AX88852
Port[3:0] == M0_CRS[3:0]
Port[9:8] == CRS[1:0]
Port[7:4] == M1_CRS[3:0]
AX88853
Port[7:0] == RSD[7:0]
Port[9:8] == CRS[1:0]
AX88854
Reference to AX88851/AX88853 depended on MEDIA setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com