Electronic Components Datasheet Search
  English  ▼

X  

DAC8581 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8581
Description  16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8581 Datasheet(HTML) 3 Page - Texas Instruments

  DAC8581 Datasheet HTML 1Page - Texas Instruments DAC8581 Datasheet HTML 2Page - Texas Instruments DAC8581 Datasheet HTML 3Page - Texas Instruments DAC8581 Datasheet HTML 4Page - Texas Instruments DAC8581 Datasheet HTML 5Page - Texas Instruments DAC8581 Datasheet HTML 6Page - Texas Instruments DAC8581 Datasheet HTML 7Page - Texas Instruments DAC8581 Datasheet HTML 8Page - Texas Instruments DAC8581 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC8581
SLAS481A – AUGUST 2005 – REVISED AUGUST 2005
All specifications at T
A = TMIN to TMAX, +AVDD = +5 V, –AVDD = –5 V, DVDD = +5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE
Resolution
16
Bits
Linearity error
VREF = 4.096 V
±0.03
±0.1
%FS
Differential linearity error
±0.25
±0.5
LSB
Gain error
1
2
3
%FS
Gain drift
±5
ppm/
°C
Bipolar zero error
–5
±25
mV
Bipolar zero drift
±20
µV/°C
Total drift
±10
ppm/
°C
OUTPUT CHARACTERISTICS
Voltage output(1)
VREF up to 6 V, when AVDD = 6 V, AVSS = –6 V
–VREF
VREF
V
Output impedance
1
Ω
Maximum output current
±25
mA
CL <200 pF, RL = 2 kΩ, to 0.1% FS, 8-V step
0.65
Settling time
µs
To 0.003% FS
1
Slew rate(2)
35
V/
µs
Code change glitch
1 LSB change around major carry
0.5
nV-S
Overshoot
Full-scale change
50
mV
Digital feedthrough(3)
0.5
nV-S
SNR
Digital sine wave input, Fout = 1 kHz,
108
dB
BW = 10 kHz, 2 MSPS update rate
THD
Digital sine wave input, Fout = 20 kHz,
–72
dB
8-Vpp output, 2-MSPS update rate
0.1 Hz to 10 Hz
25
µVpp
Output voltage noise
At 10-kHz offset frequency
25
nV/rtHz
At 100-kHz offset frequency
20
nV/rtHz
Power supply rejection
VDD varies
±10%
0.75
mV/V
REFERENCE
Large signal: 2-Vpp sine wave on 4 V DC
3
MHz
Reference input bandwidth
Small signal: 100-mVpp sine wave on 4 V DC
10
MHz
Reference input voltage range
3
AVDD
V
Reference input impedance
5
k
Ω
Reference input capacitance
5
pF
DIGITAL INPUTS
VIH
0.7 x DVDD
V
VIL
GND
0.3 x DVDD
Input current
±1
µA
Input capacitance
10
pF
Power-on delay
From VDD high to CS low
20
µs
(1)
Output can reach
±V
DD unloaded, can reach ±(VDD– 0.2 V) for 600-Ω loading.
(2)
Slew rate is measure from 10% to 90% of transition when the output changes from 0 to full scale.
(3)
Digital feedthrough is defined as the impulse injected into the analog output from the digital input. It is measured when the DAC output
does not change, CS is held high, and while SCLK and SDIN signals are toggled.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com