Electronic Components Datasheet Search
  English  ▼

X  

HM5906 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5906
Description  2A charging, 3A boost output mobile power two-in-one chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5906 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5906 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5906 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5906 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5906 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5906 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5906 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
电学参数
参数
符号
条件
最小
典型
最大
单位
充电管理电学参数,
VIN=5V, TA=25℃.
输入电压范围
VIN
4.2
6.5
V
静态电流
IQ
2
mA
电池反灌电流
(升压不工作)
VBAT=4.2V
10
uA
充饱电压
VREG
4.16
4.19
4.22
V
恒流充电
恒流充电电流范围
ICC
3.0V<VBAT<4.1V
200
2000
mA
恒流充电设置电压
VISET
1.5
V
恒流充电电流设定比例
KISET
见后面详细计算公式
V/A
预充电电流、充饱电流
预充电电池电压阈值
VLOWV
3
V
预充电电流
/恒流充电电流
KPRE
1/5
电池充饱转灯电流
ITERM
100
mA
PWM
振荡器频率
fOSC
500
550
600
KHz
电池保护
输出短路检测电压
VSHORT
2
V
升压输出电学参数,
VBAT=3.7V, TA=25℃.
电池电压范围
VIN
3
4.35
V
静态电流
IQ
2
mA
反馈电压
FB 反馈电压
VFB
1.2
V
FB 反馈电压精度
-1.5%
+1.5%
MOS 管驱动参数
驱动输出上升时间
TR
Cload =2nF,10%
到
90%
20
ns
驱动输出下降时间
TF
Cload =2nF,10%
到
90%
20
ns
死区时间
Tdead
60
ns
过压保护电压
FB 过压保护电压
VOVP
1.3
V
升压负载电流限制
ILIM 电压
VILIM
0.000015
R
ILIM
V
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
HM5906



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com