Electronic Components Datasheet Search
  English  ▼

X  

IRF3711Z Datasheet(PDF) 6 Page - International Rectifier

Part # IRF3711Z
Description  HEXFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3711Z Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF3711Z Datasheet HTML 2Page - International Rectifier IRF3711Z Datasheet HTML 3Page - International Rectifier IRF3711Z Datasheet HTML 4Page - International Rectifier IRF3711Z Datasheet HTML 5Page - International Rectifier IRF3711Z Datasheet HTML 6Page - International Rectifier IRF3711Z Datasheet HTML 7Page - International Rectifier IRF3711Z Datasheet HTML 8Page - International Rectifier IRF3711Z Datasheet HTML 9Page - International Rectifier IRF3711Z Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IRF3711Z/S/L
6
www.irf.com
Fig 13c. Maximum Avalanche Energy
vs. Drain Current
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
100
200
300
400
500
600
ID
TOP
7.3A
8.6A
BOTTOM
12A
Fig 14a. Switching Time Test Circuit
Fig 14b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
V
GS
Pulse Width < 1µs
Duty Factor < 0.1%
V
DD
V
DS
L
D
D.U.T
+
-
Fig 13b. Unclamped Inductive Waveforms
Fig 13a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
R G
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
VGS
Fig 12. On-Resistance Vs. Gate Voltage
2.0
4.0
6.0
8.0
10.0
VGS, Gate-to-Source Voltage (V)
0.00
0.01
0.02
TJ = 25°C
TJ = 125°C
ID = 15A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com