Electronic Components Datasheet Search
  English  ▼

X  

IRF3711ZPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF3711ZPBF
Description  HEXFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3711ZPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF3711ZPBF Datasheet HTML 1Page - International Rectifier IRF3711ZPBF Datasheet HTML 2Page - International Rectifier IRF3711ZPBF Datasheet HTML 3Page - International Rectifier IRF3711ZPBF Datasheet HTML 4Page - International Rectifier IRF3711ZPBF Datasheet HTML 5Page - International Rectifier IRF3711ZPBF Datasheet HTML 6Page - International Rectifier IRF3711ZPBF Datasheet HTML 7Page - International Rectifier IRF3711ZPBF Datasheet HTML 8Page - International Rectifier IRF3711ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.irf.com
1
7/20/04
IRF3711ZPbF
IRF3711ZSPbF
IRF3711ZLPbF
HEXFET® Power MOSFET
Notes
 through ‡ are on page 12
Applications
Benefits
l Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l High Frequency Synchronous Buck
Converters for Computer Processor Power
l Lead-Free
D2Pak
IRF3711ZS
TO-220AB
IRF3711Z
TO-262
IRF3711ZL
VDSS RDS(on) max Qg
20V
6.0m
:
16nC
PD - 95530
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
W
PD @TC = 100°C Maximum Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Mounting Torque, 6-32 or M3 screw
f
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
i
–––
1.89
°C/W
RθCS
Case-to-Sink, Flat Greased Surface
f
0.50
–––
RθJA
Junction-to-Ambient
fiÃ
–––
62
RθJA
Junction-to-Ambient (PCB Mount)
gi
–––
40
10 lbf
yin (1.1Nym)
300 (1.6mm from case)
-55 to + 175
79
0.53
40
Max.
92
h
65
h
380
± 20
20


Similar Part No. - IRF3711ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3711Z IRF-IRF3711Z Datasheet
299Kb / 12P
HEXFET Power MOSFET
IRF3711ZCL IRF-IRF3711ZCL Datasheet
273Kb / 11P
HEXFET Power MOSFET
IRF3711ZCL IRF-IRF3711ZCL Datasheet
282Kb / 12P
High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3711ZCLPBF IRF-IRF3711ZCLPBF Datasheet
357Kb / 12P
HEXFET Power MOSFET
IRF3711ZCS IRF-IRF3711ZCS Datasheet
273Kb / 11P
HEXFET Power MOSFET
More results

Similar Description - IRF3711ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com