Electronic Components Datasheet Search
  English  ▼

X  

PTH12040WAS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12040WAS
Description  50-A, 8-V to 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12040WAS Datasheet(HTML) 2 Page - Texas Instruments

  PTH12040WAS Datasheet HTML 1Page - Texas Instruments PTH12040WAS Datasheet HTML 2Page - Texas Instruments PTH12040WAS Datasheet HTML 3Page - Texas Instruments PTH12040WAS Datasheet HTML 4Page - Texas Instruments PTH12040WAS Datasheet HTML 5Page - Texas Instruments PTH12040WAS Datasheet HTML 6Page - Texas Instruments PTH12040WAS Datasheet HTML 7Page - Texas Instruments PTH12040WAS Datasheet HTML 8Page - Texas Instruments PTH12040WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
STANDARD APPLICATION
R
1%
0.05 W
SET
PTH12040W
2
4
6
12
15
9
1
11
14
19
20
18
V
I
V
O
V
O
V
I
C
560 F
(Required)
I
m
C1
330 F
(Required)
O
m
C2
330 F
(Required)
O
m
7
8
UVLO Prog
Inhibit
+Sense
-Sense
GND
Margin
Up
Margin
Down
Track
V Adj
O
17
Track
Margin Up
Margin Down
Inhibit
L
O
A
D
+Sense
-Sense
GND
GND
GND
3 5 10 13
16
PTH12040W
SLTS237A–DECEMBER 2004–REVISED OCTOBER 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
A.
RSET = Required to set the output voltage higher than the minimum value (see the elcetrical characheristics for
values.)
B.
CI = Required 560-µF electrolytic capacitor. 1000 µF recommended.
C.
CO = Required 660-µF (or 680 µF) electrolytic capacitor.
ORDERING INFORMATION
PTH12040W
PACKAGE OPTIONS (PTH12040Wxx)(1)
VOLTAGE
CODE
DESCRIPTION
Pb – free and RoHS
PACKAGE REF(2)
Compatible
AH
Horizontal T/H
Yes
EVF
0.8 V – 5.5 V (Adjust)
AS
Standard SMD (3)
No
EVG
AZ
Lead (Pb) – free SMD (4)
Yes
EVG
(1) Add T to end of part number for tape and reel on SMD packages only.
(2) Reference the applicable package reference drawing for the dimensions and PC board layout.
(3) Standardoption specifies 63/37, Sn/Pb pin solder material.
(4) Pb – free option specifies Sn/Ag pin solder material.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com