Electronic Components Datasheet Search
  English  ▼

X  

SA58641 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA58641
Description  High performance mixer FM IF system with high-speed RSSI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA58641 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA58641 Datasheet HTML 9Page - NXP Semiconductors SA58641 Datasheet HTML 10Page - NXP Semiconductors SA58641 Datasheet HTML 11Page - NXP Semiconductors SA58641 Datasheet HTML 12Page - NXP Semiconductors SA58641 Datasheet HTML 13Page - NXP Semiconductors SA58641 Datasheet HTML 14Page - NXP Semiconductors SA58641 Datasheet HTML 15Page - NXP Semiconductors SA58641 Datasheet HTML 16Page - NXP Semiconductors SA58641 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Philips Semiconductors
Objective data
SA58641
High performance mixer FM IF system
with high-speed RSSI
2004 Dec 16
13
Table 1.
DECT Application Circuit Electrical Characteristics
RF frequency = 110.592 MHz; IF frequency = 9.8 MHz; RF level = –45 dBm; FM modulation = 100 kHz with
±288 kHz peak deviation.
SYMBOL
PARAMETER
TEST CONDITIONS
TYPICAL
UNITS
Mixer/Osc section (ext LO = 160 mVRMS)
PG
Conversion power gain
13
dB
NF
Noise Figure at 110 MHz
12
dB
IIP3
Third order input intercept
Matched f1 = 110.592 MHz; f2 = 110.892 MHz
–15
dBm
RIN
RF input resistance
690
Ω
CIN
RF input capacitance
3.6
pF
IF section
IF amp gain
330
Ω load
38
dB
Limiter amp gain
330
Ω load
54
dB
Data level
RLOAD = 3 kΩ
130
mVRMS
3 dB data bandwidth
700
kHz
RF/IF section (internal LO)
System RSSI output
RF level = –10 dBm
1.4
V
System S/N1
RF level = –83 dBm
10
dB
NOTE:
1. 10 dB S/N corresponds to BER = 10–3.
RF GENERATOR
SPECTRUM
ANALYZER
SCOPE
DC VOLTMETER
110.592 MHz
RSSI
DATA
SA58641 DEMO BOARD
LO / GENERATOR
120.392 MHz
VCC = 5 V
SR02527
Figure 11.
SA58641 Application Circuit Test Set Up
NOTES:
1. RF generator: Set your RF generator at 110.592 MHz, use a 100 kHz modulation frequency and a
±288 kHz deviation.
2. Layout: The layout is very critical in the performance of the receiver. We highly recommend our demo board layout.
3. RSSI: The smallest RSSI voltage (i.e., when no RF input is present and the input is terminated) is a measure of the quality of the layout and
design. If the lowest RSSI voltage is 500 mV or higher, it means the receiver is in regenerative mode. In that case, the receiver sensitivity
will be worse than expected.
4. Supply bypass and shielding: All of the inductors, the quad tank, and their shield must be grounded. A 0.1
µF bypass capacitor on the supply
pin improves sensitivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com