Electronic Components Datasheet Search
  English  ▼

X  

HM5929 Datasheet(PDF) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5929
Description  3A charging 2.4A discharging Integrated DCP function mobile power SOC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5929 Datasheet(HTML) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM5929 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5929 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5929 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5929 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5929 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5929 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5929 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5929 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5929 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
SPM70701R0
1.0
±
20%
8.5
8
12
15
12  封装信息
MILLIMETER
SYMBOL
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
-
0.02
0.05
b
0.18
0.25
0.30
c
0.18
0.20
0.25
D
3.90
4.00
4.10
D2
2.40
2.50
2.60
e
0.50BSC
Ne
2.50BSC
Nd
2.50BSC
E
3.90
4.00
4.10
E2
2.40
2.50
2.60
L
0.35
0.40
0.45
h
0.30
0.35
0.40
HM5929



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com