Electronic Components Datasheet Search
  English  ▼

X  

178309 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 178309
Description  Displacement encoder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

178309 Datasheet(HTML) 1 Page - Festo Corporation.

  178309 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Displacement encoder
MME-MTS-300-TLF-AIF
Part number: 178309
Data sheet
Feature
Value
Type code
MME
CE marking (see declaration of conformity)
As per EU EMC directive
Measuring principle of linear potentiometer
Digital
Ambient temperature
-40 °C ... 75 °C
Max. travel speed
10 m/s
Max. travel acceleration
200 m/s²
Displacement resolution
<0.01 mm
Independent linearity
0.02 %
At least ± 50µm
Temperature coefficient
15 ppm/K
Stroke
300 mm
Output signal
CAN protocol type SPC-AIF
Nominal operating voltage DC
24 V
Permissible voltage fluctuations
-15 % / +20 %
Max. current consumption
90 mA
Electrical connection
6-pin
Plug
as per DIN 45322
Round design
Design
Closed profile
with sliding carriage
Coupling parallel quick coupling
± 1.5 mm
Moment compensator angular offset
± 1 °
Mounting position
Any
Product weight
710 g
Housing material
Wrought aluminum alloy
Anodized
Slide carriage housing material
PBT-reinforced
Permanent magnet
Slide carriage coupling material
Steel
Cover material
Die-cast aluminum
Painted
Material of assembly brackets
PEI
Degree of protection
IP65
as per IEC 60529
Vibration resistance to DIN/IEC 68 Part 2-6
Tested as per severity level 1
Continuous shock resistance to DIN/IEC 68 Part 2-82
Tested as per severity level 1
5/13/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 178309

ManufacturerPart #DatasheetDescription
logo
Extreme Networks.
17830 EXTREMENETWORKS-17830 Datasheet
205Kb / 9P
100Gb Spine Switch and High Density 10Gb Leaf Switch
11aug23
logo
Festo Corporation.
178300 FESTO-178300 Datasheet
75Kb / 1P
Displacement encoder
178301 FESTO-178301 Datasheet
74Kb / 1P
Displacement encoder
178302 FESTO-178302 Datasheet
75Kb / 1P
Displacement encoder
logo
Tyco Electronics
178303 MACOM-178303 Datasheet
2Mb / 43P
AMP Dynamic Series Connectors
More results

Similar Description - 178309

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
MLO-POT-100-LWG FESTO-MLO-POT-100-LWG Datasheet
77Kb / 2P
Displacement encoder
MLO-POT-150-LWG FESTO-MLO-POT-150-LWG Datasheet
78Kb / 2P
Displacement encoder
MLO-POT-225-LWG FESTO-MLO-POT-225-LWG Datasheet
78Kb / 2P
Displacement encoder
MLO-POT-225-TLF FESTO-MLO-POT-225-TLF Datasheet
85Kb / 2P
Displacement encoder
MLO-POT-300-LWG FESTO-MLO-POT-300-LWG Datasheet
78Kb / 2P
Displacement encoder
MLO-POT-300-TLF FESTO-MLO-POT-300-TLF Datasheet
84Kb / 2P
Displacement encoder
MLO-POT-1500-TLF FESTO-MLO-POT-1500-TLF Datasheet
75Kb / 2P
Displacement encoder
MLO-POT-2000-TLF FESTO-MLO-POT-2000-TLF Datasheet
74Kb / 2P
Displacement encoder
MME-MTS-360-TLF-AIF FESTO-MME-MTS-360-TLF-AIF Datasheet
75Kb / 1P
Displacement encoder
MME-MTS-2000-TLF-AIF FESTO-MME-MTS-2000-TLF-AIF Datasheet
74Kb / 1P
Displacement encoder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com