Electronic Components Datasheet Search
  English  ▼

X  

ESB22 Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ESB22
Description  UNIVERSAL SERIAL BUS CONNECTORS MICRO USB AND CABLE SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ESB22 Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ESB22 Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ESB22 Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. ESB22 Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. ESB22 Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD. ESB22 Datasheet HTML 5Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
Connector
UNIVERSAL SERIAL BUS CONNECTORS
MICRO USB AND CABLE SERIES
ESB22 SERIES
■ FEATURES
0.65mm contact spacing
USB 2.0 Specification Compliance Data Rates Beyond USB 2.0 (480Mb/s -->)
On-The-Go Device shall conform to the OTG requirements as set forth in the
On-The-Go Supplement to the USB 2.0 Specification
The Micro-USB specification defines the following additional connectors: Micro-B plug
and receptacle, Micro-AB receptacle, Micro-A plug
The Micro-AB receptacle is only allowed on OTG products. All other uses of the
Micro-AB receptacle are prohibited. The Micro-AB receptacle accepts either a Micro-A
plug or a Micro-B plug
Receptacle and plug housings are UL 94V-0 grade fire retardant
Applications: Mobile Phones, Portable devices, MP3 players, Portable digital video
players, Digital still cameras, Digital video cameras
■ SPECIFICATIONS
1.ELECTRICAL
2.MECHANICAL
Voltage rating: 20mVAC
Current rating: 1.8A
Contact resistance: 30mΩ Max.
Insulation resistance: 100MΩ Min.
Dielectric strength: 100VAC Min.
Durability: 10000 cycles
Mating force: 35N Max.
Unmating force: 8N Min.
■ MATERIALS
1.MATERIAL
2.PLATING
Contacts: Copper Alloy
Shell: Stainless Steel
Housing: Thermoplastic high-Temp
Latch: Stainless Steel
Nickel In All Area
Contact: Au over Nickel
Shell: Nickel In All Area
■ PACKING
1.Packing method
All cable are packed into ploy bags and then packed into boxes.
All connector are packed using tape & reel or Tube parked methods.
2.Information on label (stuck to each ploy bag, reel and box)
(1)Part NO.
(2)Description (3)Lot NO. (4)Quantity
(5)Tester NO.
(6)Reprocess NO. (7)QC stamp
(8)Date
(9)ECE mark (10)Manufacturers name


Similar Part No. - ESB22

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
ESB22712 ECE-ESB22712 Datasheet
189Kb / 3P
UNIVERSAL SERIAL BUS CONNECTORS USB 3.0 MICRO AB TYPE
ESB227120000Z ECE-ESB227120000Z Datasheet
189Kb / 3P
UNIVERSAL SERIAL BUS CONNECTORS USB 3.0 MICRO AB TYPE
ESB227120001Z ECE-ESB227120001Z Datasheet
189Kb / 3P
UNIVERSAL SERIAL BUS CONNECTORS USB 3.0 MICRO AB TYPE
ESB227120100Z ECE-ESB227120100Z Datasheet
189Kb / 3P
UNIVERSAL SERIAL BUS CONNECTORS USB 3.0 MICRO AB TYPE
ESB227120101Z ECE-ESB227120101Z Datasheet
189Kb / 3P
UNIVERSAL SERIAL BUS CONNECTORS USB 3.0 MICRO AB TYPE
More results

Similar Description - ESB22

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1325 PHILIPS-UDA1325 Datasheet
310Kb / 52P
Universal Serial Bus USB CODEC
1999 May 10
logo
Tyco Electronics
1-1775066-1 MACOM-1-1775066-1 Datasheet
760Kb / 1P
Universal Serial Bus (USB) Connectors
logo
TDK Electronics
UAC355XB TDK-UAC355XB Datasheet
989Kb / 48P
Universal Serial Bus (USB) Codecs
logo
JST Mfg. Co., Ltd.
UBC JST-UBC Datasheet
110Kb / 2P
USB (Universal Serial Bus) Conforming Connector
logo
Kycon, Inc.
KMMX KYCON-KMMX Datasheet
420Kb / 1P
Micro Universal Serial Bus
logo
EXCEL CELL ELECTRONIC C...
ESB0 ECE-ESB0 Datasheet
259Kb / 5P
UNIVERSAL SERIAL BUS CONNECTORS USB CONNECTORS
ESB3 ECE-ESB3 Datasheet
289Kb / 5P
UNIVERSAL SERIAL BUS CONNECTORS MINI USB CONNECTOR
ESB011 ECE-ESB011 Datasheet
153Kb / 3P
UNIVERSAL SERIAL BUS CONNECTORS USB CONNECTORS (SUNK-INTO TYPE)
ESB23 ECE-ESB23 Datasheet
148Kb / 3P
UNIVERSAL SERIAL BUS CONNECTORS USB 3.0 A TYPE
ESB22712 ECE-ESB22712 Datasheet
189Kb / 3P
UNIVERSAL SERIAL BUS CONNECTORS USB 3.0 MICRO AB TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com