Electronic Components Datasheet Search
  English  ▼

X  

ESB23 Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ESB23
Description  UNIVERSAL SERIAL BUS CONNECTORS USB 3.0 A TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ESB23 Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ESB23 Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ESB23 Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. ESB23 Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
Connector
UNIVERSAL SERIAL BUS CONNECTORS
USB 3.0 A TYPE
ESB23 SERIES
■ FEATURES
Combines USB2.0 bus and new USB 3.0 Specification Compliance Data transmission
SS (SuperSpeed) bus with transfer rate up to 5.0Gbps.
USB 3.0 accommodates backward compatibility for connecting USB 2.0 device into a
USB3.0 bus.
Input current is increased to 900mA to save more time while charging.
9Pin type is full compliant with current USB 3.0 A Type specifications.
Receptacle and plug housings are UL 94V-0 grade fire retardant.
Gold plated contact ensures low contact resistance.
EMI protection by shielding features.
Ideal for connecting portable PCs, Notebook, and slim peripheral equipment.
■ SPECIFICATIONS
1.ELECTRICAL
2.MECHANICAL
Voltage rating: 30mVAC(rms)
Current rating: 1A
Contact resistance: 30mΩ Max.
Insulation resistance: 1000MΩ Min.
Dielectric strength: 500VAC/1minute.
Ambient operating temperature:
-55
to +85
℃℃
Standard Durability class: 1500 cycles
Min.
High Durability class: 5000 cycles Min.
Mating force: 35N Max.
Unmating force: 10N Min.
■ MATERIALS
1.MATERIAL
2.PLATING
Contacts: Copper Alloy
Shell: SUS304
Housing: Thermoplastic High-Temp
Nickel In All Area
Contact Area: Au over Nickel
Solder Area: Tin(Sn) over Nickel
Shell: Tin(Sn) over Nickel
■ PACKING
1.Packing method
1-1.All cable are packed into ploy bags and then packed into boxes.
1-2.All connector are packed using tape & reel methods.


Similar Part No. - ESB23

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
ESB22 ECE-ESB22 Datasheet
270Kb / 5P
UNIVERSAL SERIAL BUS CONNECTORS MICRO USB AND CABLE SERIES
ESB227110000Z ECE-ESB227110000Z Datasheet
270Kb / 5P
UNIVERSAL SERIAL BUS CONNECTORS MICRO USB AND CABLE SERIES
ESB227110001Z ECE-ESB227110001Z Datasheet
270Kb / 5P
UNIVERSAL SERIAL BUS CONNECTORS MICRO USB AND CABLE SERIES
ESB227110002Z ECE-ESB227110002Z Datasheet
270Kb / 5P
UNIVERSAL SERIAL BUS CONNECTORS MICRO USB AND CABLE SERIES
ESB227110010Z ECE-ESB227110010Z Datasheet
270Kb / 5P
UNIVERSAL SERIAL BUS CONNECTORS MICRO USB AND CABLE SERIES
More results

Similar Description - ESB23

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1775066-1 MACOM-1-1775066-1 Datasheet
760Kb / 1P
Universal Serial Bus (USB) Connectors
logo
Adam Technologies, Inc.
USB-A3-D-RA ADAM-TECH-USB-A3-D-RA Datasheet
90Kb / 1P
UNIVERSAL SERIAL BUS TYPE A
USB-A3-D-RA-1 ADAM-TECH-USB-A3-D-RA-1 Datasheet
90Kb / 1P
UNIVERSAL SERIAL BUS TYPE A
logo
Molex Electronics Ltd.
0484080001 MOLEX1-0484080001 Datasheet
32Kb / 2P
Universal Serial Bus (USB 3.0) I/O Receptacle, Vertical, Type A, High-Temperature
2038000026 MOLEX1-2038000026 Datasheet
39Kb / 1P
Universal Serial Bus (USB) Shielded I/O Cable Assembly, Type C-to-A, USB 3.0, 1.0m
0484090004 MOLEX1-0484090004 Datasheet
34Kb / 2P
Universal Serial Bus (USB 3.0) I/O Receptacle, Dual Port Stacked, Vertical, Type A,Universal Serial Bus (USB 3.0) I/O Receptacle, Dual Port Stacked, Vertical, Type A,
logo
EXCEL CELL ELECTRONIC C...
ESB0 ECE-ESB0 Datasheet
259Kb / 5P
UNIVERSAL SERIAL BUS CONNECTORS USB CONNECTORS
ESB3 ECE-ESB3 Datasheet
289Kb / 5P
UNIVERSAL SERIAL BUS CONNECTORS MINI USB CONNECTOR
ESB011 ECE-ESB011 Datasheet
153Kb / 3P
UNIVERSAL SERIAL BUS CONNECTORS USB CONNECTORS (SUNK-INTO TYPE)
ESB22712 ECE-ESB22712 Datasheet
189Kb / 3P
UNIVERSAL SERIAL BUS CONNECTORS USB 3.0 MICRO AB TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com