Electronic Components Datasheet Search
  English  ▼

X  

HM6291 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6291
Description  current mode boost DC-DC converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6291 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6291 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6291 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6291 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6291 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6291 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6291 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6291 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Shenzhen H&M Semiconductor Co.Ltd
http: //www.hmsemi.com
4
HM6291
Function Description
Operation
The HM6291 is a current mode boost converter. The constant switching frequency is
1MHz and operates with pulse width modulation (PWM). Build-in 18V / 2A MOSFET
provides a high output voltage. The control loop architecture is peak current mode control;
therefore slope compensation circuit is added to the current signal to allow stable
operation for duty cycles larger than 50%.
Soft Start Function
Soft start circuitry is integrated into HM6291 to avoid inrush current during power on.
After the IC is enabled, the output of error amplifier is clamped by the internal soft-start
function, which causes PWM pulse width increasing slowly and thus reducing input surge
current.
Current Limit Program
A resistor between OC and GND pin programs peak switch current. The resistor value
should be between 10k and 100k. The current limit will be set from 2.5A to 0.5A. Keep
traces at this pin as short as possible. Do not put capacitance at this pin. To set the over
current trip point according to the following equation:
51000
I
OCP
R
S
Over Temperature Protection (OTP)
HM6291 will turn off the power MOSFET automatically when the internal junction
temperature is over 150°C. The power MOSFET wake up when the junction temperature
drops 30°C under the OTP threshold temperature.
Output Disconnect
When power on and the EN pin will be pulled high. The HM6291 start up and operates.
The external PMOS is turned on and current through it for output loading. While output
loading is increase, output voltage is drop. When the FB pin voltage is under 0.3V, the EN
pin sinks 20μA current, the external PMOS will be turn off. The output short condition will
be disconnected.
 



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com