Electronic Components Datasheet Search
  English  ▼

X  

HM6513 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6513
Description  40V, Low Quiescent Current, High Reliability LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6513 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM6513 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
H 6513
40V, Low Quiescent Current, High Reliability LDO
Page 8
0
0.5
1
1.5
2
2.5
3
3.5
0
100
200
300
Output Current
mA
Output Voltage vs. Output Current
Vin=6V
Vin=12V
Vin=24V
Vin=30V
0
1
2
3
4
5
6
0
50
100
150
200
250
300
Output Current (mA)
Output Voltage vs. Output Current
Vin=6V
Vin=12V
Vin=24V
Vin=30V
VOUT=5V
H 6513
RR
0
0.5
1
1.5
2
2.5
3
3.5
0
100
200
300
Output Current
mA
Output Voltage vs. Output Current
Vin=6V
Vin=12V
Vin=24V
Vin=30V
0
1
2
3
4
5
6
0
50
100
150
200
250
300
Output Current
mA
Output Voltage vs. Output Current
Vin=6V
Vin=12V
Vin=24V
Vin=30V
VOUT=5V
H 6513
PR
0
0.5
1
1.5
2
2.5
3
3.5
0
100
200
300
Output Current
mA
Output Voltage vs. Output Current
Vin=6V
Vin=12V
Vin=24V
Vin=30V
VOUT=3.3V
H 6513 5A
0
1
2
3
4
5
6
0
100
200
300
Output Current
mA
Output Voltage vs. Output Current
Vin=6V
Vin=12V
Vin=24V
Vin=30V
VOUT=5V
H 6513 5A
VOUT=3.3V
H 6513
RR
VOUT=3.3V
H 6513
PR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com