Electronic Components Datasheet Search
  English  ▼

X  

HM6513PR Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6513PR
Description  40V, Low Quiescent Current, High Reliability LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6513PR Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM6513PR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513PR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513PR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513PR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513PR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513PR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513PR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513PR Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6513PR Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
H 6513
40V, Low Quiescent Current, High Reliability LDO
Page 7
TYPICAL PERFORMANCE CHARACTERISTICS
CIN = 10μF, COUT = 10μF, TOPT = 25 , unless specified otherwise. (H 6513
RR Package)
0
1
2
3
4
5
6
7
0
5
10
15
20
25
30
35
40
45
Input Voltage (V)
IQ vs. Input Voltage
VOUT=3.3V
0
1
2
3
4
5
6
7
8
0
5
10
15
20
25
30
35
40
45
Input Voltage (V)
IQ vs. Input Voltage
VOUT=5V
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-40 -20 0
20 40 60 80 100 120 140 160
Temperature (
)
Output Voltage vs. Temperature
Io=1mA
3
3.5
4
4.5
5
5.5
-40 -20 0
20 40 60 80 100 120 140 160
Temperature (
)
Output Voltage vs. Temperature
Io=1mA
VOUT=5V
0
0.5
1
1.5
2
2.5
3
3.5
4
0
5
10
15
20
25
30
35
40
45
Input Voltage (V)
Output Voltage vs. Input Voltage
Io=1mA
Io=10mA
Io=100mA
VOUT=3.3V
0
1
2
3
4
5
6
0
5
10
15
20
25
30
35
40
45
Input Voltage (V)
Output Voltage vs. Input Voltage
Io=1mA
Io=10mA
Io=100mA
VOUT=5V
V
OUT=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com