Electronic Components Datasheet Search
  English  ▼

X  

567466 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 567466
Description  Pressure sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

567466 Datasheet(HTML) 1 Page - Festo Corporation.

  567466 Datasheet HTML 1Page - Festo Corporation. 567466 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pressure sensor
SDE5-D10-NF-Q6-V-M8
Part number: 567466
Data sheet
Feature
Value
Type code
SDE5
KC characters
KC EMC
Symbol
00991967
Certification
RCM compliance mark
c UL us - Recognized (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
Note on materials
RoHS-compliant
Measured variable
Relative pressure
Method of measurement
Piezoresistive pressure sensor
Pressure measuring range initial value
0 bar
Pressure measuring range end value
10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible
Temperature of medium
0 °C ... 50 °C
Ambient temperature
0 °C ... 50 °C
Repetition accuracy in ± %FS
0.3 %FS
Temperature co-efficient in ± %FS/K
0.05 %FS/K
Analog output
0 - 10 V
Output characteristic curve initial value
0 V
End value output characteristic curve
10 V
Precision analog output in ± %FS
3 %FS
Linearity error in ± % FS
0.3 %FS
Short-circuit protection
yes
DC operating voltage range
15 V ... 30 V
Reverse polarity protection
for all electrical connections
Electrical connection
3-pin
M8x1
Plug
as per EN 60947-5-2
Round design
Type of mounting
With accessories
Mounting position
Any
Pneumatic connection
QS-6
Product weight
19 g
Housing material
PA
POM
Ready status indication
LED green
5/14/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 567466

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
567460 FESTO-567460 Datasheet
100Kb / 2P
Pressure sensor
567462 FESTO-567462 Datasheet
100Kb / 2P
Pressure sensor
567463 FESTO-567463 Datasheet
98Kb / 2P
Pressure sensor
567464 FESTO-567464 Datasheet
98Kb / 2P
Pressure sensor
567465 FESTO-567465 Datasheet
99Kb / 2P
Pressure sensor
More results

Similar Description - 567466

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8035533 FESTO-8035533 Datasheet
108Kb / 2P
Pressure sensor
8114766 FESTO-8114766 Datasheet
86Kb / 2P
Pressure sensor
8114771 FESTO-8114771 Datasheet
78Kb / 2P
Pressure sensor
SDE5-D10-C3-Q6E-P-K FESTO-SDE5-D10-C3-Q6E-P-K Datasheet
79Kb / 2P
Pressure sensor
SDE5-D10-C-Q4E-P-M8 FESTO-SDE5-D10-C-Q4E-P-M8 Datasheet
81Kb / 2P
Pressure sensor
SDE5-D10-C-Q6E-P-M8 FESTO-SDE5-D10-C-Q6E-P-M8 Datasheet
82Kb / 2P
Pressure sensor
SDE5-D10-NF-Q6E-V-K FESTO-SDE5-D10-NF-Q6E-V-K Datasheet
93Kb / 2P
Pressure sensor
SDE5-D10-NF-Q6E-V-M8 FESTO-SDE5-D10-NF-Q6E-V-M8 Datasheet
99Kb / 2P
Pressure sensor
SDE5-D10-O-Q6E-P-M8 FESTO-SDE5-D10-O-Q6E-P-M8 Datasheet
99Kb / 2P
Pressure sensor
SDE5-V1-NF-Q6-V-M8 FESTO-SDE5-V1-NF-Q6-V-M8 Datasheet
98Kb / 2P
Pressure sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com