Electronic Components Datasheet Search
  English  ▼

X  

EEC1005 Datasheet(PDF) 8 Page - Microchip Technology

Part # EEC1005
Description  Enterprise Storage Backplane Management Processor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EEC1005 Datasheet(HTML) 8 Page - Microchip Technology

Back Button EEC1005 Datasheet HTML 4Page - Microchip Technology EEC1005 Datasheet HTML 5Page - Microchip Technology EEC1005 Datasheet HTML 6Page - Microchip Technology EEC1005 Datasheet HTML 7Page - Microchip Technology EEC1005 Datasheet HTML 8Page - Microchip Technology EEC1005 Datasheet HTML 9Page - Microchip Technology EEC1005 Datasheet HTML 10Page - Microchip Technology EEC1005 Datasheet HTML 11Page - Microchip Technology EEC1005 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
EEC1005
DS00003392B-page 8
 2020 Microchip Technology Inc.
3.0
CONFIGURATIONS
Multiple Backplane architectures are supported using EEC1005 that are configured by firmware based on an analog
value sampled at one of EEC1005 input ADC pin (Config Pin) at startup. Table 3-1, “EEC1005 Configuration Select”
provides the complete list of Configurations selectable based on the analog value on CONFIG_PIN. The analog value
can be set by a resistor divider network as in Figure 3-1, the values of the resistors are user defined.The configuration
is fixed for a Backplane and is not runtime modified. The recommendations on the resistor values are provided in
Table 3-2, “Recommended Resistor Values,” on page 9.
TABLE 3-1:
EEC1005 CONFIGURATION SELECT
EEC1005
Configa
a. Configurations not mentioned in the above table are not supported by EEC1005.
Pin
Count
ID
Config
(V)
Pinout
HFC
Totalb
b. HFC Total is the number of host facing connectors required for a particular configuration.
HFC -
SAS
HFC -
PCIe
DFC
Total
DFC
SAS/
SATA
DFC
PCIe
4 Drive SGPIO
84
01
0.1
Table 10-3, “SGPIO Con-
troller - 84 Pin Package”
110
4
4
0
8 Drive SGPIO
84
02
0.2
Table 10-3, “SGPIO Con-
troller - 84 Pin Package”
110
8
8
0
12 Drive SPGIO 144
03
0.3
Table 10-1, “SGPIO Con-
troller - 144 Pin Package”
2
2
0
12
12
0
16 Drive SPGIO 144
04
0.4
Table 10-1, “SGPIO Con-
troller - 144 Pin Package”
2
2
0
16
16
0
4 Drive UBM
U.2
84
05
0.5
Table 10-4, “UBM Con-
troller - 84 Pin Package”
312
4
4
4
8 Drive UBM
U.2
84
06
0.6
Table 10-4, “UBM Con-
troller - 84 Pin Package”
514
8
8
8
8 Drive UBM
U.2 (Full Fea-
ture)
144
07
0.7
Table 10-2, “UBM Con-
troller - 144 Pin Package”
514
8
8
8
8 Drive UBM
U.3 (Minimum
Feature)
84
08
0.8
Table 10-4, “UBM Con-
troller - 84 Pin Package”
444
8
8
8
8 Drive UBM
U.3 (Full Fea-
ture)
144
09
0.9
Table 10-2, “UBM Con-
troller - 144 Pin Package”
444
8
8
8
12 Drive UBM
U.2 PCIe Only
(Full Featured)
144
0A
1.0
Table 10-2, “UBM Con-
troller - 144 Pin Package”
606
12
0
12
12 Drive UBM
U.3 PCIe Only
(Full Featured)
144
0B
1.1
Table 10-2, “UBM Con-
troller - 144 Pin Package”
606
12
0
12
8 Drive
UBM+SGPIO
U.2
144
0D 1.3
Table 10-5,
“UBM_SGPIO Controller
- 144 Pin Package”
514
8
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com