Electronic Components Datasheet Search
  English  ▼

X  

WRPPB Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # WRPPB
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WRPPB Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  WRPPB Datasheet HTML 1Page - M-System Co.,Ltd. WRPPB Datasheet HTML 2Page - M-System Co.,Ltd. WRPPB Datasheet HTML 3Page - M-System Co.,Ltd. WRPPB Datasheet HTML 4Page - M-System Co.,Ltd. WRPPB Datasheet HTML 5Page - M-System Co.,Ltd. WRPPB Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: WRPPB
WRPPB SPECIFICATIONS
ES-2223 Rev.3 Page 5/6
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
PHASE A
PHASE B
PHASE A
PHASE B
PHASE A
PHASE B
PHASE B
PHASE A
PHASE B
PHASE A
PHASE B
PHASE A
PHASE B
PHASE A
PHASE B
PHASE A
PHASE B
Input Connection Examples
• Open Collector Output
Output Connection Examples
• Voltage Pulse Output
500Ω
250Ω
250Ω
• Dry Contact Input
5V
• Voltage Pulse Input
• RS-422 Line Driver Pulse Output
+
–
• RS-422 Line Driver Pulse Input
PHASE A
PHASE A
PHASE B
PHASE B
PHASE A
+
–
+
–
+
–
RS-422
Receiver
RS-422
Receiver
Isolation
Input
Circuit
Input
Circuit
+
−
PHASE A
INPUT
+
−
PHASE B
Output Circuit
Phase A
Output Circuit
Phase B
Output Circuit
Phase A
Output Circuit
Phase B
7
8
U (+)
V (−)
POWER
1
2
3
4
5
6
Base Socket
+
−
OUTPUT 1
OUTPUT 2
PHASE A
+
−
PHASE B
+
−
+
−
PHASE A
PHASE B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com