Electronic Components Datasheet Search
  English  ▼

X  

WRPP Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # WRPP
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WRPP Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  WRPP Datasheet HTML 1Page - M-System Co.,Ltd. WRPP Datasheet HTML 2Page - M-System Co.,Ltd. WRPP Datasheet HTML 3Page - M-System Co.,Ltd. WRPP Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: WRPP
WRPP SPECIFICATIONS
ES-2222 Rev.3 Page 1/4
http://www.m-system.co.jp/
Dual Output Plug-in Signal Conditioners W-UNIT
ENCODER SIGNAL DISTRIBUTOR
(rotary encoder use)
Functions & Features
• Isolating two phase pulse input signals from a rotary
encoder and distributing them to two outputs (input
frequency = output frequency)
• Various outputs (open collector, voltage pulse, RS-422 line
driver pulse)
• Can be used as a pulse isolator of two different I/O specs
• Converting RS-422 line driver pulse into an open collector
pulse
• Isolation up to 2000 V AC
• Maximum frequency of 1 MHz
72
(2.83)
80
(3.15)
136
(5.35)
mm (inch)
MODEL: WRPP–[1][2][3][4]-[5][6]
ORDERING INFORMATION
• Code number: WRPP-[1][2][3][4]-[5][6]
Specify a code from below for each of [1] through [6].
(e.g. WRPP-JJJN-R/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
A1: Dry contact
K: 3.3 V pulse
C: 5 V pulse
D: 12 V/24 V pulse
J: RS-422 line driver pulse
[2] OUTPUT 1
A: Open collector (max. frequency 100 kHz)
K: 3.3 V pulse (max. frequency 1 MHz)
M: 5 V pulse (max. frequency 500 kHz)
N: 12 V pulse (max. frequency 100 kHz)
J: RS-422 line driver pulse (max. frequency 1 MHz)
[3] OUTPUT 2
A: Open collector (max. frequency 100 kHz)
K: 3.3 V pulse (max. frequency 1 MHz)
M: 5 V pulse (max. frequency 500 kHz)
N: 12 V pulse (max. frequency 100 kHz)
J: RS-422 line driver pulse (max. frequency 1 MHz)
[4] OUTPUT LOGIC (both Input 1 & 2)
N: The same as the input
R: Inverted
[5] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
R2: 11 – 27 V DC
(Operational voltage range 11 – 27 V, ripple 10 %p-p max.)
(CE not available)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[6] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output 1 to output 2 to power
Input monitor LED: Available to check input pulse existence
Input pulse sensing: DC coupled


Similar Part No. - WRPP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
WRPPB MSYSTEM-WRPPB Datasheet
156Kb / 6P
Dual Output Plug-in Signal Conditioners W-UNIT
WRPPB-A1AAN-M2 MSYSTEM-WRPPB-A1AAN-M2 Datasheet
156Kb / 6P
Dual Output Plug-in Signal Conditioners W-UNIT
WRPPB-A1AAN-M2/Q MSYSTEM-WRPPB-A1AAN-M2/Q Datasheet
156Kb / 6P
Dual Output Plug-in Signal Conditioners W-UNIT
WRPPB-A1AAN-P MSYSTEM-WRPPB-A1AAN-P Datasheet
156Kb / 6P
Dual Output Plug-in Signal Conditioners W-UNIT
WRPPB-A1AAN-R MSYSTEM-WRPPB-A1AAN-R Datasheet
156Kb / 6P
Dual Output Plug-in Signal Conditioners W-UNIT
More results

Similar Description - WRPP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
WDY MSYSTEM-WDY Datasheet
110Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
WDNY MSYSTEM-WDNY Datasheet
110Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
WCT MSYSTEM-WCT Datasheet
115Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WRS MSYSTEM-WRS Datasheet
105Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
WRPPB MSYSTEM-WRPPB Datasheet
156Kb / 6P
Dual Output Plug-in Signal Conditioners W-UNIT
WJV MSYSTEM-WJV Datasheet
110Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WJPA MSYSTEM-WJPA Datasheet
111Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WJFT MSYSTEM-WJFT Datasheet
194Kb / 6P
Dual Output Plug-in Signal Conditioners W-UNIT
WYPD MSYSTEM-WYPD Datasheet
142Kb / 6P
Dual Output Plug-in Signal Conditioners W-UNIT
WVS MSYSTEM-WVS Datasheet
114Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com