Electronic Components Datasheet Search
  English  ▼

X  

WJFT Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # WJFT
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WJFT Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  WJFT Datasheet HTML 1Page - M-System Co.,Ltd. WJFT Datasheet HTML 2Page - M-System Co.,Ltd. WJFT Datasheet HTML 3Page - M-System Co.,Ltd. WJFT Datasheet HTML 4Page - M-System Co.,Ltd. WJFT Datasheet HTML 5Page - M-System Co.,Ltd. WJFT Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: WJFT
WJFT SPECIFICATIONS
ES-2279 Rev.8 Page 1/6
http://www.m-system.co.jp/
Dual Output Plug-in Signal Conditioners W-UNIT
FILTER/LAG TRANSMITTER
(field-programmable)
Functions & Features
• Providing various filter functions which eliminate
unnecessary elements in the input signals
• Microprocessor based
• On-site calibration via hand-held programmer PU-2x
• Field-programmable input range
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Level control; eliminating drifts in the input signal caused
by pumps
50
(1.97)
136
(5.35)
80
(3.15)
mm (inch)
MODEL: WJFT[1]–[2][3][4]–[5][6]
ORDERING INFORMATION
• Code number: WJFT[1]-[2][3][4]-[5][6]
Specify a code from below for each of [1] through [6].
(e.g. WJFT1-6A6-B/Q)
• Special input and output ranges (For codes U1, U2, U3, Z
& 0)
• Parameters (See "Functions" section)
Default setting will be used if not otherwise specified.
Use Ordering Information Sheet (No. ESU-1679) to specify
parameters.
• Specify the specification for option code /Q
(e.g. /C01/S01)
Note: When the user requires a current and a voltage
output, specify the current to be the Output 1 which allows
a greater load.
ITEM
DEFAULT
Sampling cycle: H
0.1
No. of samples to be calculated: N
1 (2 for mean aver-
age output filter)
Time constant: T
0.0
Max. rate of positive output change (CP)
200.00
Max. rate of negative output change (CN)
200.00
No. of smallest samples to be cut off (L)
0
No. of largest samples to be cut off (U)
0
[1] FUNCTION
1: Moving average output
2: Dead-time computing
3: Delay buffer
4: Lead-time computing
5: Ramp buffer
6: Mean average output
[2] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
Voltage
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
U1: Range ±100 mV;
(Minimum span 3 mV, Input resistance 20 kΩ min.)
U2: Range ±1000 mV;
(Minimum span 30 mV, Input resistance 20 kΩ min.)
U3: Range ±10 V;
(Minimum span 0.3 V,Input resistance 1 MΩ min.)
[3] OUTPUT 1
Current
A: 4 – 20 mA DC (Load resistance 600 Ω max.)
B: 2 – 10 mA DC (Load resistance 1200 Ω max.)
C: 1 – 5 mA DC (Load resistance 2400 Ω max.)
D: 0 – 20 mA DC (Load resistance 600 Ω max.)
E: 0 – 16 mA DC (Load resistance 750 Ω max.)
F: 0 – 10 mA DC (Load resistance 1200 Ω max.)
G: 0 – 1 mA DC (Load resistance 12 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)


Similar Part No. - WJFT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
WJF MSYSTEM-WJF Datasheet
112Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WJF-611-B MSYSTEM-WJF-611-B Datasheet
112Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WJF-611-B/2 MSYSTEM-WJF-611-B/2 Datasheet
112Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WJF-611-B/3 MSYSTEM-WJF-611-B/3 Datasheet
112Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WJF-611-B/4 MSYSTEM-WJF-611-B/4 Datasheet
112Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
More results

Similar Description - WJFT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
WDY MSYSTEM-WDY Datasheet
110Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
WDNY MSYSTEM-WDNY Datasheet
110Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
WCT MSYSTEM-WCT Datasheet
115Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WRS2 MSYSTEM-WRS2 Datasheet
104Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
WRS MSYSTEM-WRS Datasheet
105Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
WRPPB MSYSTEM-WRPPB Datasheet
156Kb / 6P
Dual Output Plug-in Signal Conditioners W-UNIT
WJV MSYSTEM-WJV Datasheet
110Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WJPA MSYSTEM-WJPA Datasheet
111Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WYPD MSYSTEM-WYPD Datasheet
142Kb / 6P
Dual Output Plug-in Signal Conditioners W-UNIT
WVS MSYSTEM-WVS Datasheet
114Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com