Electronic Components Datasheet Search
  English  ▼

X  

HM7140 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7140
Description  Dimmable constant current LED driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7140 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7140 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7140 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7140 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7140 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7140 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7140 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7140 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7140 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7140 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 of 10
极限参数(注 1)
参数
符 号
描述
最小值
最大值
单位
电压
VMAX
VDD、LED 和 CS 脚的最大电压
7
V
最大功耗
PSOT89-5
SOT-89-5 封装最大功耗
0.5
W
PSOP8
SOP8 封装最大功耗
0.75
W
PESOP8
ESOP8 封装最大功耗
1.2
W
温度
TA
工作温度范围
-20
85
oC
TSTG
存储温度范围
-40
120
oC
TSD
焊接温度范围(时间小于
30 秒)
230
240
oC
ESD
VESD
静电耐压值(人体模型)
2000
V
注
1:超过上表中规定的极限参数会导致器件永久性损坏。而工作在以上极限条件下可能会影响器件的可靠性。
电特性
除非特别说明,
VIN =5V,TA =25oC
参数
符号
测试条件
最小值
典型值
最大值
单位
电源电压
电源电压范围
VIN
ILED =300mA
2.7
5.5
V
低压保护阈值
VUVLO
ILED =300mA,逐步减小
VIN
2.3
2.5
2.7
V
电源电流
静态电流
IDDQ
VIN =5.0V
250
uA
输出电压
输出电压差
△
VO
输出电流为
300mA
100
mV
过温补偿
过温补偿阈值
TOTP
100
oC
热平衡功率
POTP
ILED =600mA, VIN =5V
0.8
W
HM7140
可调光线性恒流
LED 驱动器



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com