Electronic Components Datasheet Search
  English  ▼

X  

HM7143 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7143
Description  High power factor linear constant current LED chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7143 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7143 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7143 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7143 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7143 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7143 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7143 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7143 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7143 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
第 4 页 共 8 页
D1/D2 端口耐压
VDS_BV1
ID1=ID2=0
750
V
D3/D4 端口耐压
VDS_BV2
ID3=ID4=0
750
V
IOUT 精度
DIOUT
IOUT=10mA~50mA
±5
%
温度自动调节功能设置
端电压
VRTH
-
-
1.0
-
V
温度保护起始点
TSC
RTH 引脚悬空
-
139
-
℃
功能设置
1,电流设置
是 LED 恒流驱动控制电路,内部集成 LED 恒流控制模块、OUT 端口高压驱动模
块等功能模块。芯片 D1 端口输入电压最低为 6V(IOUT = 20mA)
,可通过外接 RT 电阻实现
输出电流 10mA~60mA,内置的 LED 恒流驱动模块可使 LED 电流保持高精度且不受环境温度
影响。芯片可通过逐级开启 4 个开关实现高效率,高功率因数。
输出电流通过电阻 RT 进行调节,4 级开关逐级开启时输出电流如下:
ID1=0.65V/RT
ID2=0.72V/RT
ID3=0.80V/RT
ID4=0.90V/RT
2,温度自动调节功能
输出电流随温度自动调节的功能。当温度过高系统将降低输出电流,以达到
降低温度的效果,
温度保护点可以通过引脚 RTH 端的外置电阻进行设置,RTH 电压为 1.0V。电阻值越小,
温度保护点越低。
如果将 RTH 脚悬空,那么温度保护点为默认值值 139 摄氏度。
温度保护点与RTH电阻
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
RTH电阻(K ohm)
高功率因数线性恒流LED芯片



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com