Electronic Components Datasheet Search
  English  ▼

X  

VDZ33B Datasheet(PDF) 4 Page - Rohm

Part # VDZ33B
Description  Zener diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

VDZ33B Datasheet(HTML) 4 Page - Rohm

  VDZ33B Datasheet HTML 1Page - Rohm VDZ33B Datasheet HTML 2Page - Rohm VDZ33B Datasheet HTML 3Page - Rohm VDZ33B Datasheet HTML 4Page - Rohm VDZ33B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VDZ27B
Diodes
Rev.A
4/4
1
10
100
0
5
10
15
20
25
ZENER VOLTAGE:Vz(V)
Vz-Iz CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
Vz DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
ZENER CURRENT:Iz(mA)
Zz-Iz CHARACTERISTICS
Ta=125℃
Ta=75℃
Ta=125
℃
Ta=75℃
Ta=25℃
Ta=-25℃
f=1MHz
Ta=-25℃
Ta=25℃
AVE:9.996V
σ:0.0125V
Ta=25℃
IZ=5mA
n=30pcs
Ta=25℃
VR=7.0V
n=10pcs
AVE:0.125nA
σ:0.0263nA
Ta=25℃
VR=19V
n=30pcs
AVE:0.112nA
σ:0.0177nA
AVE:24.39V
σ:0.0144V
Ta=25℃
IZ=5mA
n=30pcs
0.001
0.01
0.1
1
10
23
25
27
29
Ta=75℃
Ta=-25℃
Ta=125℃
Ta=25℃
25
26
27
28
29
30
31
32
33
34
35
AVE:31.11pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
25
26
27
28
29
30
AVE:27.01V
Ta=25℃
IZ=5mA
n=30pcs
1
10
100
1000
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
0
5
10
15
20
25
Ta=125℃
Ta=-25℃
Ta=25℃
Ta=75℃
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Ta=25℃
VR=21V
n=30pcs
AVE:0.1003nA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com