Electronic Components Datasheet Search
  English  ▼

X  

MLCE6.5 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # MLCE6.5
Description  1500 Watt Low Capacitance Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MLCE6.5 Datasheet(HTML) 5 Page - Microsemi Corporation

  MLCE6.5 Datasheet HTML 1Page - Microsemi Corporation MLCE6.5 Datasheet HTML 2Page - Microsemi Corporation MLCE6.5 Datasheet HTML 3Page - Microsemi Corporation MLCE6.5 Datasheet HTML 4Page - Microsemi Corporation MLCE6.5 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RF01009, Rev. B (5/7/13)
©2013 Microsemi Corporation
Page 5 of 5
MLCE6.5 – MLCE170A
PACKAGE DIMENSIONS
NOTES:
1. Dimensions are in inches.
2. Millimeter equivalents are given for information only.
3. The major diameter is essentially constant along its length.
4. In accordance with ASME Y14.5M, diameters are equivalent to
Φx
symbology.
APPLICATION SCHEMATICS
The TVS low capacitance device configuration is shown in figure 2. As a further option for unidirectional applications, an additional
low capacitance rectifier diode may be used in parallel in the same polarity direction as the TVS as shown in figure 3. In
applications where random high voltage transients occur, this will prevent reverse transients from damaging the internal low
capacitance rectifier diode and also provide a low voltage conducting direction. The added rectifier diode should be of similar low
capacitance and also have a higher reverse voltage rating than the TVS clamping voltage VC. The Microsemi recommended
rectifier part number is the “ELCR80” for the application in figure 3. If using two (2) low capacitance TVS devices in anti-parallel for
bidirectional applications, this added protective feature for both directions (including the reverse of each rectifier diode) is also
provided. The unidirectional and bidirectional configurations in figure 3 and 4 will both result in twice the capacitance of figure 2.
FIGURE 2
FIGURE 3
FIGURE 4
TVS with internal Low
Optional Unidirectional
Optional Bidirectional
Capacitance Diode
configuration (TVS and
configuration (two TVS
separate rectifier diode
devices in anti-parallel)
in parallel)
Dimensions
Symbol
Inches
Millimeters
Min
Max
Min
Max
BD
0.190
0.205
4.826
5.207
BL
0.360
0.375
9.146
9.527
LD
0.038
0.042
0.958
1.074
LL
1.10
1.625
27.9
41.28



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com