Electronic Components Datasheet Search
  English  ▼

X  

565401 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 565401
Description  Air flow sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

565401 Datasheet(HTML) 1 Page - Festo Corporation.

  565401 Datasheet HTML 1Page - Festo Corporation. 565401 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air flow sensor
SFAB-600U-HQ10-2SA-M12
Part number: 565401
Data sheet
Feature
Value
Type code
SFAB
KC characters
KC EMC
Certification
RCM compliance mark
c UL us - Recognized (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
Certificate issuing authority
UL E322346
Note on materials
RoHS-compliant
Measured variable
Flow rate
Consumption
Flow direction
Unidirectional
P1 -> P2
Measuring principle
Thermal
Flow measuring range start value
6 l/min
Flow measuring range end value
600 l/min
Operating pressure
0 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Nitrogen
Temperature of medium
0 °C ... 50 °C
Ambient temperature
0 °C ... 50 °C
Nominal temperature
23 °C
Accuracy of flow rate
± (3% o.m.v. + 0.3% FS)
Zero point repetition accuracy in ± %FS
0.2 %FS
Repetition accuracy margin in ± %FS
0.8 %FS
Switching output
2 x PNP or 2 x NPN switchable
Switching function
Window comparator
Threshold value comparator
Switching element function
N/C contact
N/O contact
Max. output current
≤100 mA
Analog output
4 - 20 mA
Flow characteristic curve, start value
0 l/min
Flow characteristic curve, end value
600 l/min
Output characteristic curve initial value
4 mA
End value output characteristic curve
20 mA
Max. load resistance of current output
500 Ohm
Short-circuit protection
yes
DC operating voltage range
15 V ... 30 V
5/17/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 565401

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
565400 FESTO-565400 Datasheet
80Kb / 2P
Air flow sensor
565402 FESTO-565402 Datasheet
79Kb / 2P
Air flow sensor
565403 FESTO-565403 Datasheet
81Kb / 2P
Air flow sensor
565404 FESTO-565404 Datasheet
81Kb / 2P
Air flow sensor
565405 FESTO-565405 Datasheet
79Kb / 2P
Air flow sensor
More results

Similar Description - 565401

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
573357 FESTO-573357 Datasheet
91Kb / 2P
Air flow sensor
8058464 FESTO-8058464 Datasheet
106Kb / 3P
Air flow sensor
8058474 FESTO-8058474 Datasheet
102Kb / 3P
Air flow sensor
8058477 FESTO-8058477 Datasheet
102Kb / 3P
Air flow sensor
SFAB-50U-HQ6-2SA-M12 FESTO-SFAB-50U-HQ6-2SA-M12 Datasheet
79Kb / 2P
Air flow sensor
SFAB-50U-HQ6-2SV-M12 FESTO-SFAB-50U-HQ6-2SV-M12 Datasheet
79Kb / 2P
Air flow sensor
SFAB-200U-WQ10-2SA-M12 FESTO-SFAB-200U-WQ10-2SA-M12 Datasheet
80Kb / 2P
Air flow sensor
SFAH-1U-Q4S-PNLK-PNVBA-L1 FESTO-SFAH-1U-Q4S-PNLK-PNVBA-L1 Datasheet
101Kb / 3P
Air flow sensor
SFAM-62-1000L-M-2SA-M12 FESTO-SFAM-62-1000L-M-2SA-M12 Datasheet
81Kb / 2P
Air flow sensor
565376 FESTO-565376 Datasheet
82Kb / 2P
Air flow sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com