Electronic Components Datasheet Search
  English  ▼

X  

FTK7N60PD Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FTK7N60PD
Description  7.0 Amps, 600 Volts N-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7N60PD Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  FTK7N60PD Datasheet HTML 1Page - First Silicon Co., Ltd FTK7N60PD Datasheet HTML 2Page - First Silicon Co., Ltd FTK7N60PD Datasheet HTML 3Page - First Silicon Co., Ltd FTK7N60PD Datasheet HTML 4Page - First Silicon Co., Ltd FTK7N60PD Datasheet HTML 5Page - First Silicon Co., Ltd FTK7N60PD Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
10 1
100
101
10-1
100
Drain-Source Voltage, VDS(V)
On-Region Characteristics
10-1
VGS
Top:
15 0V
10 0V
8 0V
7 0V
6 5V
6 0V
Bottorm 5 5V
*Notes:
1. 250μs Pulse Test
2. TC=25˚C
100
10-1
2
Gate-Source Voltage, VGS (V)
Transfer Characteristics
4
6
8
10
150˚C
101
25˚C
*Notes:
1. VDS=50V
2. 250μs Pulse Test
-55˚C
0.0
0
Drain Current, ID (A)
5
10
On-Resistance Variation vs. Drain Current
and Gate Voltage
15
20
25
*Note: TJ =25˚C
VGS=10V
0.5
1.0
1.5
2.0
2.5
VGS=20V
100
10 -1
0.2
Source-Drain Voltage, VSD (V)
Body Diode Forward Voltage Variation vs .
Source Current and Temperature
0.4
0.6
0.8
1.0
1.2
25
˚C
150
˚C
101
*Notes:
1. VGS=0V
2.
250μs Pulse Test
2000
0
10-1
Drain-SourceVoltage, VDS (V)
Capacitance Characteristics
1800
400
100
10 1
*Notes:
1. VGS=0V
2. f = 1MHz
1000
800
Crss
Coss
Ciss
Ciss=Cgs+Cgd
(Cds=shorted)
Coss=Cds+Cgd
Crss=Cgd
101
100
10-1
Drain-Source Voltage, VDS (V)
Maximum Safe Operating Area
10 2
101
100
100
μs
10 3
DC
1ms
10ms
*Notes:
1. TC=25˚C
2. TJ=150˚C
3. Single Pulse
Operation in This Area
is Limited by R DS(on)
102
Power MOSFET
2010. 05. 18
6/6
FTK7N60P / F / DD
Revision No : 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com