Electronic Components Datasheet Search
  English  ▼

X  

FTK7N60F Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK7N60F
Description  7.0 Amps, 600 Volts N-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7N60F Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK7N60F Datasheet HTML 1Page - First Silicon Co., Ltd FTK7N60F Datasheet HTML 2Page - First Silicon Co., Ltd FTK7N60F Datasheet HTML 3Page - First Silicon Co., Ltd FTK7N60F Datasheet HTML 4Page - First Silicon Co., Ltd FTK7N60F Datasheet HTML 5Page - First Silicon Co., Ltd FTK7N60F Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2010. 05. 18
3/6
FTK7N60P / F / DD
Revision No : 1
Power MOSFET
ELECTRICAL CHARACTERISTICS(Cont.)
VSD
VGS = 0 V, IS = 7.0 A
1.5
V
IS
7.0
A
ISM
28
A
tRR
400
ns
QRR
VGS = 0 V, IS = 7.0A,
dIF/dt =100 A/µs (Note 4)
4.0
µC
Note:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 19.5mH, IAS = 7A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 7A, di/dt ≤ 300A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width ≤ 300μs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
UNIT
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
Maximum Continuous Drain-Source Diode
Forward Current
Maximum Pulsed Drain-Source Diode Forward
Current
Reverse Recovery Time
Reverse Recovery Charge
MAX



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com