Electronic Components Datasheet Search
  English  ▼

X  

ESCLSE Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # ESCLSE
Description  CLAMP-ON CURRENT SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ESCLSE Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  ESCLSE Datasheet HTML 1Page - M-System Co.,Ltd. ESCLSE Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: CLSE
CLSE SPECIFICATIONS
ES-9234 Rev.7 Page 1/2
https://www.m-system.co.jp/
CLAMP-ON CURRENT SENSOR
Functions & Features
• Easy-to-install, spring-loaded, clamp-on type current
sensor
• Over-voltage clamp element for safety in open circuit
• Wide frequency band
• Screw terminal connection
MODEL: CLSE–[1][2]
ORDERING INFORMATION
• Code number: CLSE-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. CLSE-R5/CE)
Confirm the correct sensor type described on the data sheet
of the combined transducer/transmitter module.
[1] POWER INPUT
R5: 5 A
05: 50 A
10: 100 A
20: 200 A
40: 400 A
60: 600 A
[2] OPTIONS
Standards & Approvals
blank: Without CE
/CE: CE marking
RELATED PRODUCTS
• Special cable (model: CLS-CN)
(Used in combination with the CLSA-08C.)
• Special cable (model: CLSA-08C)
GENERAL SPECIFICATIONS
Construction: Clamp
Connection: M3 screw terminals (torque 0.3 N·m)
Housing material: Flame-resistant resin (black)
Applicable wire size: AWG22 or thicker (0.6 dia. or 0.3 mm2
or thicker; Max. 30 meters, twisted)
Detachable number of times: Approx. 100 times
INPUT SPECIFICATIONS
Maximum working voltage: 480 V AC (primary side)
OPERATIONAL RANGE OVERLOAD CAPACITY
*
CLSE-R5
5 A maximum
10 A continuous
CLSE-05
50 A maximum
60 A continuous
CLSE-10
100 A maximum
120 A continuous
CLSE-20
200 A maximum
240 A continuous
CLSE-40
400 A maximum
480 A continuous
CLSE-60
600 A maximum
720 A continuous
*4000% of rating for 1 second
Caution 1: The output values may vary depending on the
accuracy of engagement at the clamp connection.
Caution 2: The sensor's mechanical construction may cause
it to generate resonance sound. However, it does not affect
the performance of the sensor.
Operational range & overload capacity
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Weight:
CLSE-R5: 45 g (1.6 oz)
CLSE-05: 40 g (1.4 oz)
CLSE-10: 75 g (2.6 oz)
CLSE-20: 180 g (6.3 oz)
CLSE-40: 300 g (10.5 oz)
CLSE-60: 330 g (11.6 oz)
PERFORMANCE in percentage of span
Frequency: 45 – 65 Hz (including the harmonic current up to
20 kHz)
For 65.1 Hz – 1.2 kHz, ratio error is ±2 %/In.
Maximum load: 10 Ω
Insulation resistance: ≥ 100 MΩ with 500 V DC
(sensor core to output terminal)
Dielectric strength: 2000 V AC @ 1 minute
(sensor core to output terminal)
MODEL
PRIMARY SECONDARY
RATIO
PHASE DISPLACEMENT
RATING
RATING
ERROR
ERROR
CLSE-R5
5 A
1.65 mA
±1%/In, ±2%/0.2 In
±1.5 ±1°
CLSE-05
50 A
20 mA
±1%/In, ±2%/0.2 In
±1 ±1°
CLSE-10
100 A
20 mA
±1%/In, ±2%/0.2 In
±0.5 ±1°
CLSE-20
200 A
20 mA
±1%/In, ±2%/0.2 In
±1°
CLSE-40
400 A
20 mA
±1%/In, ±2%/0.2 In
±1°
CLSE-60
600 A
20 mA
±1%/In, ±2%/0.2 In
±1°
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EN 61326-1
Low Voltage Directive
EN 61010-1


Similar Part No. - ESCLSE

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ESCLSB MSYSTEM-ESCLSB Datasheet
100Kb / 3P
CLAMP-ON CURRENT SENSOR
More results

Similar Description - ESCLSE

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
CA250 EXTECH-CA250 Datasheet
103Kb / 1P
400A AC/DC Current Clamp-on MultiMeter Adaptor
CA310 EXTECH-CA310 Datasheet
195Kb / 2P
300A AC Current Clamp-on
logo
M-System Co.,Ltd.
CLSE MSYSTEM-CLSE Datasheet
116Kb / 2P
CLAMP-ON CURRENT SENSOR
CLSB MSYSTEM-CLSB Datasheet
100Kb / 3P
CLAMP-ON CURRENT SENSOR
ESCLSB MSYSTEM-ESCLSB Datasheet
100Kb / 3P
CLAMP-ON CURRENT SENSOR
CLSA MSYSTEM-CLSA Datasheet
84Kb / 2P
CLAMP-ON CURRENT SENSOR
CLSC MSYSTEM-CLSC Datasheet
83Kb / 2P
CLAMP-ON CURRENT SENSOR
CLSD MSYSTEM-CLSD Datasheet
118Kb / 3P
CLAMP-ON CURRENT SENSOR
CLSP MSYSTEM-CLSP Datasheet
94Kb / 2P
CLAMP-ON PULSE SENSOR
logo
Pepperl+Fuchs Inc.
FB9286 PF-FB9286 Datasheet
276Kb / 1P
Clamp-on tag
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com