Electronic Components Datasheet Search
  English  ▼

X  

BAT54S Datasheet(PDF) 4 Page - ON Semiconductor

Part # BAT54S
Description  Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAT54S Datasheet(HTML) 4 Page - ON Semiconductor

  BAT54S Datasheet HTML 1Page - ON Semiconductor BAT54S Datasheet HTML 2Page - ON Semiconductor BAT54S Datasheet HTML 3Page - ON Semiconductor BAT54S Datasheet HTML 4Page - ON Semiconductor BAT54S Datasheet HTML 5Page - ON Semiconductor BAT54S Datasheet HTML 6Page - ON Semiconductor BAT54S Datasheet HTML 7Page - ON Semiconductor BAT54S Datasheet HTML 8Page - ON Semiconductor BAT54S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
EVBUM2775/D
www.onsemi.com
4
SPECIFICATION
The specification and main features can be seen in the
Table 1.
Table 1. EVALUATION BOARD SPECIFICATIONS
Parameters
Values
Conditions/comments
INPUT
Voltage
230 Vrms±15%
OUTPUT
Power
850 W
Input 230 VAC, fPWM = 16 kHz, TA = 25°C
Current per IPM leg
±5 Arms
TC = 100°C
DC BUS Voltage
390 V
Higher voltage value is created by interleaved PFC with
NCP1632 working as a booster
CURRENT FEEDBACK
Current sensing resistors
39 m
W
Op Amp power supply
3.3 V
Set Op Amp gain
5
Set output offset
1.65 V
Because of negative current measurement
Overcurrent protection
9 Apeak
Configured by shunt resistors and comparator threshold
(voltage divider)
AUXILIARY POWER SUPPLY
15 V
4.6 W
Used NCP1063
CONTROL
Board with Microcontroller and 3V3 power supply
Arduino DUE headers
Type of control
V/f, Field Oriented Control (Sensor−less)
Supported type of motors
ACIM, PMSM, BLDC
APPLICATION
White goods (washers), Industrial fans, Industrial automation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com