Electronic Components Datasheet Search
  English  ▼

X  

MP-7 Datasheet(PDF) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # MP-7
Description  Carbon Monoxide Gas Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

MP-7 Datasheet(HTML) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  MP-7 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-7 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-7 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-7 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-7 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-7 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsensor.com
Tel: 86-371-67169097
Fax: 86-371-60932988
Email: sales@winsensor.com
MP-7 Carbon Monoxide GAS SENSOR
MP-7 adopts advanced planar construction production technics, using MOS material formed by micro AL2O3 ceramic tube and
heater, electro-down-lead be fetched out, and are fixed into a metal base and cover. Adopting low and high temperature circling
detection: when low temperature (VH=1.5V), it detects CO, Conductance of sensor bigger along with CO concentration in air;
When high temperature(VH=5.0V), clean other gases, using simple circuit could change
the conductance, change it to be output signal which relatively to the gas concentration.
Character
* High Sensitivity to CO
* Mini Size
* Fast response and resume character
* Excellent Stability and long life
Application
* They are used in gas leakage detecting equipment in family, industry and commercial field, fire resistance/
safety detection system.
* CO gas leakage alarm and detector
Parameters
Fig1. Sensor structure
Model
MP-7
Sensor Type
Flat surfaced
Standard Encapsulation
Metal cap
Target Gas
CO gas
Detection range
50-1000ppm CO
Standard Circuit
Conditions
Loop Voltage
Vc
≤10V DC
Heater Voltage
VH
5V±0.1V AC or DC(high temp.)
1.5V±0.1V AC or DC(low temp.)
Heating time
TL
60S±1S(high temp.)
90S±1S(low temp.)
Load Resistance
RL
Adjustable
Sensor
character under
standard test
conditions
Heater Resistance
RH
105Ω±10Ω (room temp.)
Heater consumption
PH
≤240mW
Sensitivity
S
Ro(in air)/Rs(100ppm CO)≥3
Output voltage
VS
2.5V~4.3V (in 100ppm CO)
Concentration Slope
α
≤0.6(R300ppm/R50ppm CO)
Standard test
conditions
Operation Temp.
Tao
-10
℃~50℃
Storage Temp.
Tas
-20
℃~70℃
Relative Humidity
RH
<95%RH
O2 content
21%(not less than 18%)
O2 concentration effects initial value,
sensitivity and repeatability.
Preheat time
Not less than 48 hours
Lifespan
10 years



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com