Electronic Components Datasheet Search
  English  ▼

X  

2393549 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 2393549
Description  Position sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

2393549 Datasheet(HTML) 1 Page - Festo Corporation.

  2393549 Datasheet HTML 1Page - Festo Corporation. 2393549 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Position sensor
SRBS-Q12-32-E270-EP-1-S-M8
Part number: 2393549
Data sheet
Feature
Value
Type code
SRBS
Electrical connection 1, type of mounting
Screw-type lock
Electrical connection 1, connection technology
M8x1 A-coded as per EN 61076-2-104
Electrical connection 1, connection type
Cable with plug
Electrical connection for input 1, connection pattern
00991171
KC characters
KC EMC
Electrical connection 1, number of pins/wires
4
Design
Round
Based on norm
EN 60947-5-2
Symbol
00995400
Certification
RCM compliance mark
c UL us - Listed (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
Special features
Oil-resistant
Note on materials
RoHS-compliant
Halogen-free
Measured variable
Rotation angle
Measuring principle
Magnetic Hall
Sensing range
>270 deg
Ambient temperature
-20 °C ... 70 °C
Typical sampling interval
3 ms
Switching output
2 x PNP or 2 x NPN switchable
Switching element function
N/C contact/N/O contact switchable
Switching point reproducibility
<= 1 °
On time
<4 ms
Switch-off time
<4 ms
Max. switching frequency
125 Hz
Max. output current
50 mA
Max. switching capacity DC
1.5 W
Voltage drop
<1 V
Short-circuit protection
yes
Overload protection
Available
Rated operating voltage DC
24 V
DC operating voltage range
10 V ... 30 V
Residual ripple
10 %
Reverse polarity protection
for all electrical connections
5/12/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 2393549

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
2393546 FESTO-2393546 Datasheet
106Kb / 2P
Position sensor
2393547 FESTO-2393547 Datasheet
107Kb / 2P
Position sensor
2393548 FESTO-2393548 Datasheet
108Kb / 2P
Position sensor
More results

Similar Description - 2393549

ManufacturerPart #DatasheetDescription
logo
Bi technologies
6121 BITECH-6121 Datasheet
495Kb / 3P
Position Sensor
404 BITECH-404 Datasheet
242Kb / 3P
Position Sensor
logo
Melexis Microelectronic...
MLX90333 MELEXIS-MLX90333_17 Datasheet
881Kb / 48P
Position Sensor
logo
Festo Corporation.
189040 FESTO-189040 Datasheet
75Kb / 1P
Position sensor
SMH-S1-HGD16 FESTO-SMH-S1-HGD16 Datasheet
81Kb / 1P
Position sensor
SMH-S1-HGP06 FESTO-SMH-S1-HGP06 Datasheet
73Kb / 1P
Position sensor
SRBS-Q12-8-E270-EP-1-S-M8 FESTO-SRBS-Q12-8-E270-EP-1-S-M8 Datasheet
104Kb / 2P
Position sensor
2393546 FESTO-2393546 Datasheet
106Kb / 2P
Position sensor
2393548 FESTO-2393548 Datasheet
108Kb / 2P
Position sensor
2393550 FESTO-2393550 Datasheet
113Kb / 2P
Position sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com