Electronic Components Datasheet Search
  English  ▼

X  

HM8878 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8878
Description  7.5W single channel class F audio power amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8878 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8878 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8878 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8878 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8878 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8878 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8878 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8878 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8878 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8878 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
D Mode Electrical Characteristics
(VDD =5V, Gain=23.5dB, RL =4Ω, T =25°C, unless otherwise noted.)
Symbol
Parameter
Test Conditions
MIN TYP MAX UNIT
VIN
Supply Voltage
2.5
-
6.0
V
PO
Output Power
THD+N=10%,f=1KHZ,RL=4 Ω
VDD=5.0V
3.3
W
VDD=3.6V
1.7
THD+N=1%,f=1KHZ,RL=4 Ω
VDD=5.0V
2.8
W
VDD=3.6V
1.5
THD+N=10%,f=1KHZ,RL=2 Ω
VDD=5.0V
5.6
W
VDD=3.6V
2.9
THD+N=1%,f=1KHZ,RL=2 Ω
VDD=5.0V
4.6
W
VDD=3.6V
2.4
THD+N
Total Harmonic Distortion
Plus Noise
VDD=5.0V, PO=1W, RL=4 Ω
f=1KHz
0.04
%
VDD=3.6V, PO=1W, RL=4 Ω
0.03
VDD=5.0V, PO=2W, RL=2 Ω
f=1KHz
0.06
%
VDD=3.6V, PO=2W, RL=2 Ω
0.05
GV
Gain
Ri = 22K
23.5
dB
PSRR
Power Supply Ripple
Rejection
VDD=4.2V ±200mVp-p
f=1KHz
60
dB
SNR
Signal-to-Noise Ratio
VDD=5.0V, Vo rms=3.2V,
GV=23.5dB
f=1KHz
-86
dB
Vn
Output Noise
VDD=5.0V,Input floating with
CIN=0.1μF
A-weighting
160
μV
No A-weighting
210
Dyn
Dynamic Range
VDD=5.0V,THD=1%
f=1KHz
-84
dB
η
Efficiency
RL=2 Ω, Po=4W
f=1KHz
83
%
RL=4 Ω, Po=2.8W
90
IQ
Quiescent Current
VDD=5.0V
No Load
5
mA
VDD=3.0V
3.5
ISD
Shutdown Current
VDD=2.5V to 5.5V
VSD=0.3V
1
μA
Vos
Offset Voltage
VIN=0V, VDD=5V
10
mV
Fosc
Oscillator Frequency
300
khz
Tst
Setup Time
Bypass capacitor =1uF
200
mS
OTP
-
No Load, Junction Temperature
VDD=5.0V
180
°C
OTH
-
40
HM8878
7
.5W 单通道 F 类音频功率放大器



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com