Electronic Components Datasheet Search
  English  ▼

X  

HM8418 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8418
Description  6.5W Stereo Class D Audio Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8418 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8418 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8418 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8418 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8418 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8418 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8418 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8418 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
电性参数
(VDD =5V, Gain=20dB, RL =8Ω, T =25°C, unless otherwise noted.)
Symbol
Parameter
Test Conditions
MIN TYP MAX UNIT
VIN
电源电压
2.5
-
6.0
V
PO
输出功率
THD+N=10%,f=1KHZ,RL=4Ω
VDD=5.0V
3.2
W
VDD=3.6V
1.6
THD+N=1%,f=1KHZ,RL=4Ω
VDD=5.0V
2.6
W
VDD=3.6V
1.3
THD+N=10%,f=1KHZ,RL=2Ω
VDD=5.0V
5.2
W
VDD=3.6V
2.6
THD+N=1%,f=1KHZ,RL=2Ω
VDD=5.0V
4.2
W
VDD=3.6V
2.2
THD+N
总谐波失真+噪声
VDD=5.0V, PO=1W, RL=4Ω
f=1KHz
0.05
%
VDD=3.6V, PO=0.5W, RL=4Ω
0.05
VDD=5.0V, PO=2W, RL=2Ω
f=1KHz
0.06
%
VDD=3.6V, PO=1W, RL=2Ω
0.06
GV
增益
Ri=22K
23.5
dB
PSRR
电源纹波抑制比
VDD=5.0V ±200mVp-p
f=1KHz
65
dB
SNR
信噪比
VDD=5.0V,Po = 3W, GV=24dB
f=1KHz
89
dB
Vn
残余噪声
VDD=5.0V,Input floating with
CIN=0.1μF, Rin=150K
A-weighting
110
μV
No A-weighting
150
Dyn
动态范围
VDD=5.0V,THD+N=1%
f=1KHz
86
dB
η
效率
RL=2Ω, Po=4.5W
f=1KHz
85
%
RL=4Ω, Po=2.5W
90
IQ
静态电流
VDD=5.0V
No Load
12
mA
VDD=3.0V
8
ISD
关断电流
VDD=2.5V to 4.2V
VSD=3.3V
1
μA
Vos
失调电压
VIN=0V, VDD=5V
10
mV
Fosc
工作频率
350
khz
Tst
启动时间
Bypass capacitor =1uF
100
mS
OTP
-
No Load, Junction
Temperature
VDD=5.0V
200
°C
OTH
-
30
HM8418
6.5W 立体声 D 类音频功率放大器



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com