Electronic Components Datasheet Search
  English  ▼

X  

HM9266 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9266
Description  Boost DC/DC converter IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9266 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9266 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9266 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9266 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9266 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9266 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9266 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9266 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9266 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HM9266
升压
DC/DC 转换器 IC
第 4 页 共 8 页
八、
应用电路图
典型应用电路(
MP3 应用,1.5V 升压至 3.3V,100mA 输出电流)
VDD
CE
LX
EXT
FB
+
+
GND
Vin
L1
3.0-10uH
C3
100uF
C2
1uF
D1
1N5819
Vout
3.3V
R1
1.6M
C0
C1
100uF
R2
980K
100pF
注:
C0 用来提高系统的稳定性
扩流应用电路(
1.5V 升压至 3.3V,250mA 输出电流)
VDD
LX
EXT
CE
FB
GND
+
+
Nin
L1
3.3-10uH
C5
100uF
C2
1uF
D1
1N5819
Vout
3.0V
C0
100pF
C1
100uF
R1
R2
1.6M
980K
Q1
NMOS
注:
C0 用来提高系统的稳定性



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com