Electronic Components Datasheet Search
  English  ▼

X  

HM9228 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9228
Description  3.3V~5V Input 24W Output Step-up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9228 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9228 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9228 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9228 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9228 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9228 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9228 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9228 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9228 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9228 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
+
-
SLOPE
OTP
UVLO
OCP
EA
+
-
+
CMP
Current AMP
OSC/600KHz
Control
Logic
Current AMP
Bandgap
reference
1.24V
FB
AGND
PGND
SW
EN
AVDD
PVDD
HM9228
Figure 4. Functional Block Diagram
FUNCTIONAL DESCRIPTION
NORMAL OPERATION
The boost converter is designed for output
voltage up to 24V with a 12A/24V power MOSFET.
The low
dson
R
of the internal power switches
enables better power efficiency. The chip, which
operates in a current mode scheme with constant
frequency 600KHz. It operates with Pulse With
Modulation(PWM). To avoid
the inrush current
during power up, soft start circuit is integrated in the
chip.
The controller circuit of the device is based on a
fixed frequency multiple feedback controller
topology. Input voltage, output voltage, and voltage
drop on the NMOS switch are monitored and
feedback to the regulator. So changes in the
operating conditions of the converter directly affect
the duty cycle and must not take the indirect and
slow way through the control loop and the error
amplifier. The control loop, determined by the error
amplifier, only has to handle small signal errors.
The input for it is the feedback voltage on the FB
pin, the voltage on the internal resistor divider. It is
compared with the internal reference voltage to
generate an accurate and stable output voltage.
CYCLE BY CYCLE CURRENT LIMIT
The peak current of the NMOS switch is also
sensed to limit the maximum current flowing
through the switch and the inductor. The typical
peak current limit is set to exceed 12A.
UNDERVOLTAGE LOCKOUT (UVLO)
Under voltage lockout prevents operation of the
device at input voltages below typical 2.6V when
the input voltage is falling. When the input voltage is
below the under voltage threshold, the device is
shut down and the internal switch FETs are turned
off. If the input voltage rises by under voltage
lockout hysteresis(3.2V), the IC restarts.
HM9228
_____________________________
_________



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com