Electronic Components Datasheet Search
  English  ▼

X  

HM9284CS6 Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM9284CS6
Description  1.2MHz, High Efficiency Boost White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM9284CS6 Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM9284CS6 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9284CS6 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9284CS6 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9284CS6 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9284CS6 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9284CS6 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9284CS6 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9284CS6 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM9284CS6 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
APPLICATIONS INFORMATION
Adjusting LED Current
Set the maximum LED current using a resistor
from FB to GND. Calculate the resistance as
follows:.
LED
FB
CS
I
V
R =
where I
LED is the desired maximum current
through the LEDs.
LED Dimming Control
Using a PWM Signal to EN Pin
Figure 3
Using a DC Voltage
Using a variable DC voltage to adjust the
brightness is a popular method in some
applications. According to the Superposition
Theorem, as the DC voltage increases, the
voltage contributed to V
FB increases and the
voltage drop on R1 decreases, i.e. the LED
current decreases. For example, if the V
DC range
is from 0V to 2.8V, the selection of resistors sets
dimming control of LED current from 20mA to
0mA.The LED current can be calculated by the
following equation:
CS
FB
DC
FB
LED
R
2
R
)
V
V
(
1
R
V
I
−
×
−
=
Figure4
Using a Filtered PWM signal
Another common application is using a filtered
PWM signal as an adjustable DC voltage for
LED dimming control. A filtered PWM signal acts
as the DC voltage to regulate the output current.
The recommended application circuit is shown in
the Figure 5. In this circuit, the output ripple
depends on the frequency of PWM signal. For
smaller output voltage ripple (<100mV), the
recommended frequency of 2.8V PWM signal
should be above 20kHz. To fix the frequency of
PWM signal and change the duty cycle of PWM
signal can get different output current. Figure 5.
shows the relationship between LED current and
PWM duty cycle.The LED current can be
calculated by the following equation:
EN
RCS
FB
VOUT
7 WLEDs
R1
R2
VDC
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
For controlling the LED brightness, the HM9284
can pe orm the dimming control by applying a
PWM signal to EN pin. The internal soπstart and
the wide range dimming frequency can eliminate
inrush current and audio noise when dimming
The average LED current is proportional to the
PWM signal duty cycle. The magnitude of the
PWM signal should be higher than the maximum
enable voltage of EN pin, in order to let the
dimming control pe orm correctly for preventing
the flicker issue, the suggested PWM frequency
is
≥20kHz and ≤1MHz.
 
 
 
 
HM9284 1.2MHz High Efficiency Boosf Whtte Led Oriver
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com