Electronic Components Datasheet Search
  English  ▼

X  

8000210 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8000210
Description  Pressure switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8000210 Datasheet(HTML) 1 Page - Festo Corporation.

  8000210 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pressure switch
SPBA-P2R-G18-2P-M12-0,25X
Part number: 8000210
Data sheet
Feature
Value
Type code
SPBA
Symbol
00991611
CE marking (see declaration of conformity)
As per EU EMC directive
as per EU machinery directive
Note on materials
RoHS-compliant
Measured variable
Relative pressure
Method of measurement
Metal thin-film pressure sensor
Operating pressure
-1 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible
Switching output
2xPNP
Switching function
Threshold value with fixed hysteresis
Switching element function
Antivalent
Switch-on point
0.25 bar
Max. switch-on point
0.4 bar
Min. switch-off point
0.05 bar
Max. output current DC
500 mA
Short-circuit protection
yes
DC operating voltage range
21.6 V ... 26.4 V
Reverse polarity protection
for all electrical connections
Electrical connection
4-pin
M12x1
Plug
as per EN 60947-5-2
Round design
Type of mounting
Screw-in
Pneumatic connection
G1/8
Housing material
High-alloy stainless steel
Electrical connection material
PBT
Setting options
Permanently set
Degree of protection
IP65
Corrosion resistance class (CRC)
4 - Particularly high corrosion stress
5/20/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 8000210

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
80002 ALPHAWIRE-80002 Datasheet
408Kb / 4P
28 (19/40) AWG Tinned Copper
logo
Festo Corporation.
8000208 FESTO-8000208 Datasheet
74Kb / 2P
Connecting cable
8000209 FESTO-8000209 Datasheet
97Kb / 2P
Connecting cable
7/19/22
More results

Similar Description - 8000210

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS8 COPAL-PS8 Datasheet
146Kb / 3P
Pressure Switch
logo
Festo Corporation.
8000033 FESTO-8000033 Datasheet
99Kb / 1P
Pressure switch
10773 FESTO-10773 Datasheet
81Kb / 2P
Pressure switch
7/13/22
152616 FESTO-152616 Datasheet
91Kb / 1P
Pressure switch
7/13/22
152618 FESTO-152618 Datasheet
93Kb / 1P
Pressure switch
7/13/22
159259 FESTO-159259 Datasheet
97Kb / 1P
Pressure switch
7/13/22
161760 FESTO-161760 Datasheet
93Kb / 2P
Pressure switch
7/13/22
175250 FESTO-175250 Datasheet
88Kb / 2P
Pressure switch
7/13/22
175252 FESTO-175252 Datasheet
91Kb / 1P
Pressure switch
7/13/22
192488 FESTO-192488 Datasheet
103Kb / 2P
Pressure switch
7/13/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com