Electronic Components Datasheet Search
  English  ▼

X  

AM79R251 Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM79R251
Description  Intelligent Subscriber Line Interface Circuit (ISLIC)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R251 Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM79R251 Datasheet HTML 12Page - Advanced Micro Devices AM79R251 Datasheet HTML 13Page - Advanced Micro Devices AM79R251 Datasheet HTML 14Page - Advanced Micro Devices AM79R251 Datasheet HTML 15Page - Advanced Micro Devices AM79R251 Datasheet HTML 16Page - Advanced Micro Devices AM79R251 Datasheet HTML 17Page - Advanced Micro Devices AM79R251 Datasheet HTML 18Page - Advanced Micro Devices AM79R251 Datasheet HTML 19Page - Advanced Micro Devices AM79R251 Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
16
Am79R251
Electrical Maximum Ranges
Note:
Vloopmax:
Maximum expected loop voltage in application; ILOOP • off-hook loop resistance.
Vpk:
Peak signal voltage for application.
VCC
5 V ± 5%
VBL
–(Vloopmax + 6V + Vpk) to VBH V
VBH
–18 V to –79 V
VBP
+79 V to +8 V
Maximum supply voltage across device, VBP–VBH
140 V
BGND with respect to GND
–100 mV to +100 mV
Load resistance on VTX to Vref
20 k
Ω minimum
Load resistance on VSAB to Vref
20 k
Ω minimum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com