Electronic Components Datasheet Search
  English  ▼

X  

ETRLR Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ETRLR
Description  GENERAL CONTROL RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ETRLR Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ETRLR Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ETRLR Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. ETRLR Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
Rely on ECE’s Relays,
and You Always Relax!
GENERAL CONTROL RELAY
ETR LR SERIES
▓FEATURES
5mm slim size with 8A rated load.
170mW low power consumption.
Dielectric Strength up to 4,000VAC and Surge Strength reached 6,000V.
8mm creepage and clearance safety distance.
UL Class F insulation available.
Halogen Free series available.
Comply with RoHS and REACH regulations.
▓SPECIFICATIONS
Contact Resistance
Max. 100mΩ at initial value. @1A,6VDC
Contact Capacity
8 Amps at 277 VAC Cosφ=1
8 Amps at 30 VDC L/R=0
Operate Time
8m Sec. Max.
Release Time
4m Sec. Max.
Dielectric Strength
Between coil & Contact: 4000VAC at 50/60Hz for one minute
Between Contacts: 1000VAC at 50/60Hz for one minute
Insulation Resistance
100MΩ Min. at 500VDC
▓COIL SPECIFICATION AT 20℃
℃
℃
℃
Coil
Sensitivity
Nominal
Voltage
(VDC)
Nominal
Current
(mA)
Coil
Resistance
(Ω±10%)
Power
Consumption
(W)
Pull-In
Voltage
(VDC)
Drop-Out
Voltage
(VDC)
Max.
Allowable
Voltage
(VDC)
4.5
37
121
5
34
147
9
18.8
476
12
14.2
847
15
11.3
1,323
18
9.4
1,905
LR
24
7.1
3,388
Abt. 0.17
70% Max. 5% Min.
150%


Similar Part No. - ETRLR

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
ETR011 STEGO-ETR011 Datasheet
383Kb / 1P
ELECTRONIC THERMOSTAT
19.03.2019
logo
ETAL Group
ETR10 ETAL-ETR10 Datasheet
200Kb / 4P
Plus-switching (positive control) solid state relay with high side switch (HSS) for load currents between 1 A and 30 A
logo
Eaton All Rights Reserv...
ETR4-70-A EATON-ETR4-70-A Datasheet
258Kb / 4P
TIMINGRELAYSETR4-70
07/2011 V2.0
ETR4-70-A.. EATON-ETR4-70-A.. Datasheet
258Kb / 4P
TIMINGRELAYSETR4-70
07/2011 V2.0
logo
EXCEL CELL ELECTRONIC C...
ETRAR ECE-ETRAR Datasheet
104Kb / 3P
AUTOMOTIVE RELAY
More results

Similar Description - ETRLR

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
ETRMI-2P ECE-ETRMI-2P Datasheet
98Kb / 3P
GENERAL CONTROL RELAY
ETRMIT ECE-ETRMIT Datasheet
174Kb / 2P
GENERAL CONTROL RELAY
ETRRW ECE-ETRRW Datasheet
92Kb / 2P
GENERAL CONTROL RELAY
ETRSMIT ECE-ETRSMIT Datasheet
95Kb / 3P
GENERAL CONTROL RELAY
ETRGSZ ECE-ETRGSZ Datasheet
90Kb / 2P
GENERAL CONTROL RELAY
ETRJE ECE-ETRJE Datasheet
91Kb / 2P
GENERAL CONTROL RELAY
ETRJMT ECE-ETRJMT Datasheet
98Kb / 2P
GENERAL CONTROL RELAY
ETREMI-1P ECE-ETREMI-1P Datasheet
94Kb / 3P
GENERAL CONTROL RELAY
ETREMI-2P ECE-ETREMI-2P Datasheet
147Kb / 3P
GENERAL CONTROL RELAY
ETREML ECE-ETREML Datasheet
88Kb / 2P
GENERAL CONTROL RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com