Electronic Components Datasheet Search
  English  ▼

X  

ETRRWM Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ETRRWM
Description  AUTOMOTIVE RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ETRRWM Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ETRRWM Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ETRRWM Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
Rely on ECE’s Relays,
and You Always Relax!
AUTOMOTIVE RELAY
ETR RWM SERIES
▓FEATURES
Slim type with 15A rated load.
Suitable plastic and metal to high temperature and various chemical solutions.
Highly adapt to harsh environment with shock and vibration.
Wash tight and flux proofed type available.
Comply with RoHS and REACH regulations.
▓SPECIFICATIONS
Contact Resistance
Max. 100m
Ω at initial value. @1A,6VDC
Contact Capacity
15 Amps at 15VDC L/R=0
Operate Time
10m Sec. Max.
Release Time
5m Sec. Max.
Dielectric Strength
Between coil & Contact: 1000VAC at 50/60Hz for one minute
Between Contacts: 500VAC at 50/60Hz for one minute
Insulation Resistance
100MΩ Min. at 500VDC
▓COIL SPECIFICATION AT 20℃
℃
℃
℃
Coil
Sensitivity
Nominal
Voltage
(VDC)
Nominal
Current
(mA)
Coil
Resistance
(
Ω±10%)
Power
Consumption
(W)
Pull-In
Voltage
(VDC)
Drop-Out
Voltage
(VDC)
Max.
Allowable
Voltage
(VDC)
9
88.9
100
12
66.7
180
RWM
24
33.3
720
Abt. 0.8
80%
Max.
5%
Min.
150%
ETR RWM-SH-112D


Similar Part No. - ETRRWM

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
ETRRW ECE-ETRRW Datasheet
92Kb / 2P
GENERAL CONTROL RELAY
ETRRW-SS-.SH-103DBFZ ECE-ETRRW-SS-.SH-103DBFZ Datasheet
92Kb / 2P
GENERAL CONTROL RELAY
ETRRW-SS-.SH-103DMFZ ECE-ETRRW-SS-.SH-103DMFZ Datasheet
92Kb / 2P
GENERAL CONTROL RELAY
ETRRW-SS-.SH-106DBFZ ECE-ETRRW-SS-.SH-106DBFZ Datasheet
92Kb / 2P
GENERAL CONTROL RELAY
ETRRW-SS-.SH-106DMFZ ECE-ETRRW-SS-.SH-106DMFZ Datasheet
92Kb / 2P
GENERAL CONTROL RELAY
More results

Similar Description - ETRRWM

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
Automotive Relay
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
Automotive Relay
logo
Hongfa Technology
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
AUTOMOTIVE RELAY
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
Automotive Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com