Electronic Components Datasheet Search
  English  ▼

X  

ETRST Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ETRST
Description  TELECOMMUNICATION RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ETRST Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ETRST Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ETRST Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
Rely on ECE’s Relays,
and You Always Relax!
TELECOMMUNICATION RELAY
ETR ST SERIES
▓FEATURES
Miniature size with lightweight.
Low power consumption with various types of coil sensitivity for design flexibility.
Plastic sealed type available for washing protective.
Wide operation coil voltage range.
Comply with RoHS and REACH regulations.
▓SPECIFICATIONS
Contact Resistance
Max. 100mΩ at initial value. @100mA,6VDC
Contact Capacity
2 Amps at 120VAC Cosφ=1
2 Amps at 24VDC L/R=0
Operate Time
5m Sec. Max.
Release Time
3m Sec. Max.
Dielectric Strength
Between coil & Contact: 1000VAC at 50/60Hz for one minute
Between Contacts: 400VAC at 50/60Hz for one minute
Insulation Resistance
100MΩ Min. at 500VDC
▓COIL SPECIFICATION AT 20℃
℃
℃
℃
Coil
Sensitivity
Nominal
Voltage
(VDC)
Nominal
Current
(mA)
Coil
Resistance
(Ω±10%)
Power
Consumption
(W)
Pull-In
Voltage
(VDC)
Drop-Out
Voltage
(VDC)
Max.
Allowable
Voltage
(VDC)
3
120
25
5
71.4
70
6
60
100
9
40
225
12
30
400
ST-D1
24
15
1,600
Abt. 0.36
75%
Max.
5%
Min.
130%
3
67
45
5
40
125
6
33.3
180
9
22.5
400
12
16.7
720
ST-T1
24
8.3
2,880
Abt. 0.20
75%
Max.
5%
Min.
130%
3
50.0
60
5
29.9
167
6
25.0
240
9
16.7
540
12
12.5
960
ST-L1
24
6.3
3,800
Abt. 0.15
80%
Max.
5%
Max.
130%


Similar Part No. - ETRST

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
ETRSF ECE-ETRSF Datasheet
112Kb / 3P
GENERAL CONTROL RELAY
ETRSF-105DMFZ ECE-ETRSF-105DMFZ Datasheet
112Kb / 3P
GENERAL CONTROL RELAY
ETRSF-106DMFZ ECE-ETRSF-106DMFZ Datasheet
112Kb / 3P
GENERAL CONTROL RELAY
ETRSF-109DMFZ ECE-ETRSF-109DMFZ Datasheet
112Kb / 3P
GENERAL CONTROL RELAY
ETRSF-1100DMFZ ECE-ETRSF-1100DMFZ Datasheet
112Kb / 3P
GENERAL CONTROL RELAY
More results

Similar Description - ETRST

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP630 TOSHIBA-TLP630 Datasheet
792Kb / 9P
Telecommunication
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
TELECOMMUNICATION PROTECTION
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
TELECOMMUNICATION PROTECTION
logo
Central Technologies
ISDNSINTRFCE CT-ISDNSINTRFCE Datasheet
455Kb / 2P
Telecommunication Components
T1 CT-T1 Datasheet
491Kb / 2P
Telecommunication Components
T1-CEPT-ISDN-PRI-DIP CT-T1-CEPT-ISDN-PRI-DIP Datasheet
452Kb / 2P
Telecommunication Components
logo
Power System Technology
FAB0511001 PST-FAB0511001 Datasheet
246Kb / 3P
Telecommunication
logo
EXCEL CELL ELECTRONIC C...
ETRUA ECE-ETRUA Datasheet
90Kb / 2P
TELECOMMUNICATION RELAY
ETRGS ECE-ETRGS Datasheet
96Kb / 3P
TELECOMMUNICATION RELAY
ETRAZ ECE-ETRAZ Datasheet
91Kb / 2P
TELECOMMUNICATION RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com