Electronic Components Datasheet Search
  English  ▼

X  

IL30 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # IL30
Description  Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL30 Datasheet(HTML) 6 Page - Vishay Siliconix

  IL30 Datasheet HTML 1Page - Vishay Siliconix IL30 Datasheet HTML 2Page - Vishay Siliconix IL30 Datasheet HTML 3Page - Vishay Siliconix IL30 Datasheet HTML 4Page - Vishay Siliconix IL30 Datasheet HTML 5Page - Vishay Siliconix IL30 Datasheet HTML 6Page - Vishay Siliconix IL30 Datasheet HTML 7Page - Vishay Siliconix IL30 Datasheet HTML 8Page - Vishay Siliconix IL30 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number 83621
Rev. 1.5, 26-Oct-04
IL30/ 31/ 55/ ILD30/ 31/ 55/ ILQ30/ 31/ 55
Vishay Semiconductors
Figure 5. HFE Current Gain vs. Base Current
Figure 6. Low to High Propagation Delay vs. Collector Load
Resistance and LED Current
Figure 7. High to low Propagation Delay vs. Collector Load
Resistance and LED Current
iil30_05
VCE=1 V
VCE=5 V
.01
.1
1
10
100
12000
10000
8000
6000
4000
2000
0
Base Current
iil30_06
0
5
10
15
20
0
20
40
60
80
Vcc=5V
Vth = 1.5 V
220
Ω
ıˇ
470
Ω
IF - LED Current - mA
100
Ω
1.0 k
Ω
iil30_07
0
5
10
15
20
0
5
10
15
20
100
Ω
1k
Ω
IF - LED Current - mA
Vcc = 5 V
Vth = 1.5 V
Figure 8. Switching Waveform
Figure 9. Switching Schematic
iil30_08
IF
tR
VO
tD
tS
tF
tPHL
tPLH
VTH=1.5 V
iil30_09
VO
RL
VCC =13.5 V
IF=50 mA
F=10 KHz,
DF=50%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com