Electronic Components Datasheet Search
  English  ▼

X  

ILQ31 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ILQ31
Description  Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ31 Datasheet(HTML) 2 Page - Vishay Siliconix

  ILQ31 Datasheet HTML 1Page - Vishay Siliconix ILQ31 Datasheet HTML 2Page - Vishay Siliconix ILQ31 Datasheet HTML 3Page - Vishay Siliconix ILQ31 Datasheet HTML 4Page - Vishay Siliconix ILQ31 Datasheet HTML 5Page - Vishay Siliconix ILQ31 Datasheet HTML 6Page - Vishay Siliconix ILQ31 Datasheet HTML 7Page - Vishay Siliconix ILQ31 Datasheet HTML 8Page - Vishay Siliconix ILQ31 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number 83621
Rev. 1.5, 26-Oct-04
IL30/ 31/ 55/ ILD30/ 31/ 55/ ILQ30/ 31/ 55
Vishay Semiconductors
Order Information
For additional information on the available options refer to
Option Information.
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
(each channel)
Output
Part
Remarks
IL30
CTR > 100 %, Single Channel DIP-6
IL31
CTR > 200 %, Single Channel DIP-6
IL55
CTR > 100 %, Single Channel DIP-6
ILD30
CTR > 100 %, Dual Channel DIP-8
ILD31
CTR > 200 %, Dual Channel DIP-8
ILD55
CTR > 100 %, Dual Channel DIP-8
ILQ30
CTR > 100 %, Quad Channel DIP-16
ILQ31
CTR > 200 %, Quad Channel DIP-16
ILQ55
CTR > 100 %, Quad Channel DIP-16
IL55-X009
CTR > 100 %, Single Channel SMD-6 (option 9)
ILD30-X009
CTR > 100 %, Dual Channel SMD-8 (option 9)
ILD31-X007
CTR > 200 %, Dual Channel SMD-8 (option 7)
ILD31-X009
CTR > 200 %, Dual Channel SMD-8 (option 9)
ILD55-X007
CTR > 100 %, Dual Channel SMD-8 (option 7)
ILD55-X009
CTR > 100 %, Dual Channel SMD-8 (option 9)
ILQ30-X009
CTR > 100 %, Quad Channel SMD-16 (option 9)
ILQ55-X007
CTR > 100 %, Quad Channel SMD-16 (option 7)
ILQ55-X009
CTR > 100 %, Quad Channel SMD-16 (option 9)
Parameter
Test condition
Symbol
Value
Unit
Peak reverse voltage
VRM
3.0
V
Forward continuous current
IF
60
mA
Power dissipation
Pdiss
100
mW
Derate linearly from 25 °C
1.33
mW/°C
Parameter
Test condition
Part
Symbol
Value
Unit
Collector-emitter breakdown voltage
IL30
BVCEO
30
V
ILD30
BVCEO
30
V
ILQ30
BVCEO
30
V
IL55
BVCEO
55
V
ILD55
BVCEO
55
V
ILD55
BVCEO
55
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com