Electronic Components Datasheet Search
  English  ▼

X  

UD0018 Datasheet(PDF) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # UD0018
Description  N-Channel MOSFET uses advanced SGT technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

UD0018 Datasheet(HTML) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  UD0018 Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UD0018 Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UD0018 Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UD0018 Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.doingter.cn
—
2 —
RƟJA
Thermal Resistance,Junction to Ambient
62
Electrical Characteristics:(TC=25℃ unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Sourtce Breakdown Voltage
VGS=0V,ID=250μA
100
---
---
V
IDSS
Zero Gate Voltage Drain Current
VGS=0V, VDS=100V,
TJ=25℃
---
---
1
μ
A
VGS=0V, VDS=80V,
TJ=125℃
---
---
10
μ
A
IGSS
Gate-Source Leakage Current
VGS=±20V, VDS=0A
---
---
±
100
nA
On Characteristics
VGS(th)
GATE-Source Threshold Voltage
VGS=VDS, ID=250μA
1
1.5
2.5
V
RDS(ON)
Drain-Source On Resistance
VGS=10V,ID=14A
---
20
24
mΩ
VGS=4.5V,ID=10A
---
27
35
GFS
Forward Transconductance
VDS=10V , ID=3A
---
9
---
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS=50V, VGS=0V, f=1MHz
---
600
1180
pF
Coss
Output Capacitance
---
480
950
Crss
Reverse Transfer Capacitance
---
24
48
Switching Characteristics
td(on)
Turn-On Delay Time3,4
VDD=50V, ID=1A,
VGS=10V,RG=3.3Ω
---
12.5
25
ns
tr
Rise Time3,4
---
11
22
ns
td(off)
Turn-Off Delay Time3,4
---
32
64
ns
tf
Fall Time3,4
---
13
26
ns
Qg
Total Gate Charge3,4
VGS=10V, VDS=50V,
ID=10A
---
9.8
18
nC
Qgs
Gate-Source Charge3,4
---
1.8
2.5
nC
℃
/W
Qgd
Gate-Drain Charge3,4
---
2.6
4
nC
UD0018



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com