Electronic Components Datasheet Search
  English  ▼

X  

MP-5 Datasheet(PDF) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

Part # MP-5
Description  Flammable Gas Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Direct Link  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

MP-5 Datasheet(HTML) 3 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  MP-5 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-5 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-5 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-5 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-5 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-5 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. MP-5 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsentech.com
Tel: 86-371-67169097 / 67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
MP-5 Flammable gas Sensor
Profile
MP-5 gas sensor is for flammable gases. It adopts multilayer thick film manufacturing technology. The heater
and metal oxide semiconductor material on the ceramic substrate of subminiature Al2O3 are fetched out by
electrode down-lead, encapsulated in metal socket and cap. Conductivity of the sensor is affected by the
concentration of target gas. The higher the concentration is, the higher conductivity of sensor gets. Users can
adopt simple circuit to convert variation of conductivity into output signal corresponding to gas concentration.
Features:
*
Lower consumption
*
Small size
*
Fast response and resume
*
Highest sensitivity
*
Excellent stability and long life
*
Easy circuit and big signal output
*
Excellent selectivity
Application
It is widely used in domestic gas leakage alarm, industrial flammable gas alarm and portable gas detector.
Technical Parameters
Model
MP-5
Sensor Type
Flat surfaced semiconductor sensor
Standard Encapsulation
Metal cap
Target Gas
LPG
Detection range
300-10000ppm LPG
Standard Circuit
Conditions
Loop Voltage
Vc
≤24V DC
Heater Voltage
VH
5V±0.1V AC or DC
Load Resistance
RL
Adjustable
Sensor character
under standard
test conditions
Heater Resistance
RH
85Ω±15Ω (room tem.)
Heater consumption
PH
≤300mW
Sensitivity
S
Ro(in air)/Rs(2000ppm C3H8)≥5
Sensitive resistance
RS
1KΩ~20KΩ (in 2000ppm C3H8)
Concentration Slope
α
≤0.6(R2000ppm/R500ppm C3H8)
Standard test
conditions
Tem.
Humidity
20℃±2℃;65%±5%RH
Standard test circuit
Vc::5V±0.1V
VH: 5V±0.1V
Preheat time
Over 48 hours



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com