Electronic Components Datasheet Search
  English  ▼

X  

LT8330 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8330
Description  40V, 1.2A Micropower Synchronous Boost Converter with PassThru
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8330 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8330 Datasheet HTML 12Page - Analog Devices LT8330 Datasheet HTML 13Page - Analog Devices LT8330 Datasheet HTML 14Page - Analog Devices LT8330 Datasheet HTML 15Page - Analog Devices LT8330 Datasheet HTML 16Page - Analog Devices LT8330 Datasheet HTML 17Page - Analog Devices LT8330 Datasheet HTML 18Page - Analog Devices LT8330 Datasheet HTML 19Page - Analog Devices LT8330 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LT8338
17
Rev. 0
For more information www.analog.com
3V to 3.6V Input, 5V Output Boost Converter
Efficiency
VIN = 3.0V
VIN = 3.3V
VIN = 3.6V
LOAD CURRENT (mA)
1
10
100
1k
0
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00
8338 TA05b
VOUT
2.2µH
EN/UVLO
VIN
SW
SYNC/MODE
INTVCC
CTRL
BST
VOUT
GND
RT
LT8338
0.1µF
40.2k
1MEG
121k
2.2µF
2.2µF
4.7µF
562k
1MEG
0.01µF
VIN
(3V TO 3.6V)
L
C4
C2
C3
R2
R1
RT
400mA
(5V)
C1
R3
R4
8338 TA05a
C5
2.20MHz
L: WURTH ELEKTRONIK 744764902
C1: TDK CGA4J3X7R1H225K125AB
C2: TDK CGA4J1X7R1H475K125AC
TYPICAL APPLICATION
3V to 40V Input, 24V Output Pre-Boost Converter
Efficiency
VIN = 3V
VIN = 21V
LOAD CURRENT (mA)
1
10
100
1k
0
10
20
30
40
50
60
70
80
90
100
8338 TA04b
VOUT
VIN
4.7µH
EN/UVLO
VIN
SW
SYNC/MODE
INTVCC
CTRL
BST
VOUT
GND
RT
LT8338
0.1µF
40.2k
953k
1MEG
2.2µF
2.2µF
4.7µF
619k
1MEG
0.01µF
(3V TO 40V)
L
C4
C2
C3
R2
R1
RT
80mA
(24V)
C1
R3
R4
8338 TA04a
2.20MHz
C4
L: WURTH ELEKTRONIK 78438336047
C1: TDK CGA4J3X7R1H225K125AB
C2: TDK CGA4J1X7R1H475K125AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com