Electronic Components Datasheet Search
  English  ▼

X  

LTM4655 Datasheet(PDF) 49 Page - Analog Devices

Part # LTM4655
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4655 Datasheet(HTML) 49 Page - Analog Devices

Back Button LTM4655 Datasheet HTML 45Page - Analog Devices LTM4655 Datasheet HTML 46Page - Analog Devices LTM4655 Datasheet HTML 47Page - Analog Devices LTM4655 Datasheet HTML 48Page - Analog Devices LTM4655 Datasheet HTML 49Page - Analog Devices LTM4655 Datasheet HTML 50Page - Analog Devices LTM4655 Datasheet HTML 51Page - Analog Devices LTM4655 Datasheet HTML 52Page - Analog Devices LTM4655 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
LTM4655
49
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 48. 1.25A, –24V Output DC/DC μModule Regulator
*D1 OPTIONAL (SEE EFFECT IN FIGURE 49): CENTRAL SEMICONDUCTOR P/N CMMSH1-40L
**ONE CHANNEL SHOWN. PINS NOT USED AND NOT SHOWN IN THIS CIRCUIT: NC, SVINFn, IMONnb,
LDOIN, LDOOUT, CLKSET, MOD, CLKOUTn, CLKINn, TEMP+, TEMP–
ISET
na ISETnb
VINn
SVINn
VDn
RUN
n
INTVCCn
VINREG
n
COMP
na
COMP
nb
PGOOD
n
VOSNSn+
GND
VOUTn+
VOUTn–
SVOUTn–
PGDFB
n
EXTVCCn
IMON
na
LTM4655**
–24VOUT
UP TO 1.25A
COUTn
10µF
×2
LOAD
RfSETn
165k
RISETn
481k
CDn
4.7 F
VIN
12V
4655 F48
fSETn
CDGNDn
4.7 F
CINOUTn
4.7 F
CINHn
4.7 F
3.3V
RPGOODn
100k
RPGDFBn
196k
D1*
REXTVCCn
100Ω
CEXTVCCn
1µF
RUN
n
Figure 49. Start-Up Waveforms at 12VIN, Figure 48 Circuit
(a) Start-up Performance with D1 Not Installed.
VOUTn– Reverse-Polarity at Start-Up Transiently
Reaches 500mV
1ms/DIV
VOUTn–
10V/DIV
VOUTn–
200mV/DIV
RUN
n, 5V/DIV
PGOOD
n, 5V/DIV
4655 F49a
(b) Start-up Performance with D1 Installed.
VOUTn– Reverse-Polarity at Start-Up is Transiently
Limited to 360mV
1ms/DIV
VOUTn–
10V/DIV
VOUTn–
200mV/DIV
RUN
n, 5V/DIV
PGOOD
n, 5V/DIV
4655 F49b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com