Electronic Components Datasheet Search
  English  ▼

X  

LTC3603 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC3603
Description  Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3603 Datasheet(HTML) 1 Page - Analog Devices

  LTC3603 Datasheet HTML 1Page - Analog Devices LTC3603 Datasheet HTML 2Page - Analog Devices LTC3603 Datasheet HTML 3Page - Analog Devices LTC3603 Datasheet HTML 4Page - Analog Devices LTC3603 Datasheet HTML 5Page - Analog Devices LTC3603 Datasheet HTML 6Page - Analog Devices LTC3603 Datasheet HTML 7Page - Analog Devices LTC3603 Datasheet HTML 8Page - Analog Devices LTC3603 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3644/LTC3644-2
1
Rev. 0
For more information www.analog.com
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Quad 17V, 1.25A Parallelable Synchronous Step-
Down Regulator with Ultralow Quiescent Current
The LTC®3644/LTC3644-2 is a quad 1.25A output, high
efficiencysynchronousmonolithicstep-downregulatorcapable
of operating from input supplies up to 17V. The switching
frequency is internally fixed to 1MHz or 2.25MHz with a ±50%
synchronizationrange.Theregulatorfeaturesultralowquiescent
current and high efficiency over a wide VIN and VOUT range.
The step-down regulator operates from an input voltage
range of 2.7V to 17V and provides an adjustable output
range from 0.6V to VIN while delivering up to 1.25A of
output current per channel. LTC3644/LTC3644-2 can be
configuredforquad1.25Aoutputs,triple2.5A/1.25A/1.25A
outputs, dual 2.5A outputs, or dual 3.75A/1.25A outputs. A
user selectable mode input is provided to allow the user to
trade off ripple noise for light load efficiency; Burst Mode®
operationprovidesthehighestefficiencyatlightloads,while
forced-continuous mode provides the lowest ripple noise.
The regulators can be synchronized to an external clock.
LTC3644 Options
PART NAME
FREQUENCY
VOUT
LTC3644
1.00MHz
Adjustable
LTC3644-2
2.25MHz
Adjustable
4-Channel 1.25A Quad-Output 1MHz Step-Down Regulator
APPLICATIONS
n
Quad Step-down Outputs: 1.25A per Channel
n
Wide VIN Range: 2.7V to 17V
n
Wide VOUT Range: 0.6V to VIN
n
1.25A/2.5A/3.75A/5A IOUT Configurable with
One Inductor
n
Integrated 300mΩ P-Channel/80mΩ N-Channel
MOSFETs Provide Up to 93% Efficiency
n
No-Load Burst Mode Operation IQ < 10µA with All
Channels Enabled
n
Constant Frequency (1MHz/2.25MHz) with ±50%
Frequency Synchronization Range
n
±1% Output Voltage Accuracy
n
Current Mode Operation for Excellent Line and Load
Transient Response
n
Full Dropout Operation (100% Duty Cycle)
n
Phase Shift Programmable with External Clock
n
5mm × 5mm × 1.72mm BGA Package
n
Battery Powered Systems
n
Point-of-Load Supplies
n
Portable – Handheld Scanners and Cameras
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 5481178, 6580258, 6498466, 6611131, 5705919.
Efficiency and Power Loss vs Load
at 1MHz in Burst Mode Operation
EFFICIENCY
POWER LOSS
VIN = 12V
VOUT = 5.0V, L = 6.8µH
VOUT = 3.3V, L = 4.7µH
VOUT = 2.5V, L = 3.3µH
LOAD CURRENT (A)
0.00
0.25
0.50
0.75
1.00
1.25
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
3644 TA01b
CFF1
22pF
CFF2
22pF
R1
619k
R2
196k
L1
3.3µH
COUT1
47µF
COUT2
47µF
CVCC
4.7µF
CFF3
22pF
CFF4
22pF
R5
619k
R6
309k
L3
3.3µH
COUT3
47µF
R3
619k
R4
137k
L2
4.7µH
R7
619k
R8
84.5k
L4
6.8µH
COUT4
47µF
CIN
22µF
×4
VIN1
VIN2
VIN3
VIN4
RUN1
RUN2
RUN3
RUN4
PGOOD1
PGOOD2
PGOOD3
PGOOD4
INTVCC
MODE/SYNC
PHASE
SW1
FB1
SW3
FB3
VOUT1
2.5V AT 1.25A
VOUT3
1.8V AT 1.25A
VOUT4
5V AT 1.25A
VOUT2
3.3V AT 1.25A
SW2
FB2
SW4
FB4
GND
SVIN
VIN
5V TO 17V
LTC3644
3644 TA01a
Document Feedback


Similar Part No. - LTC3603

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3603 LINER-LTC3603 Datasheet
219Kb / 22P
2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603 Datasheet
240Kb / 16P
17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3603 LINER-LTC3603 Datasheet
627Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603 Datasheet
637Kb / 28P
Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603 Datasheet
407Kb / 28P
40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
More results

Similar Description - LTC3603

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3621 LINER-LTC3621_15 Datasheet
289Kb / 18P
17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3621-2 LINER-LTC3621-2_15 Datasheet
289Kb / 18P
17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3622 LINER-LTC3622_15 Datasheet
593Kb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3622-2 LINER-LTC3622-2_15 Datasheet
593Kb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3622-23 LINER-LTC3622-23_15 Datasheet
593Kb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3624 LINER-LTC3624_15 Datasheet
369Kb / 20P
17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3624-2 LINER-LTC3624-2_15 Datasheet
369Kb / 20P
17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3624EDD LINER-LTC3624EDD Datasheet
470Kb / 8P
High Efficiency Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3622 LINER-LTC3622 Datasheet
1Mb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC7124 LINER-LTC7124 Datasheet
1Mb / 22P
17V, Dual 3.5A Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com